データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM4002 データシート(PDF) 1 Page - Frontier Electronics.

部品番号 SM4002
部品情報  1A SURFACE MOUNT SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FRONTIER [Frontier Electronics.]
ホームページ  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SM4002 データシート(HTML) 1 Page - Frontier Electronics.

  SM4002 Datasheet HTML 1Page - Frontier Electronics. SM4002 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SM4001 THRU SM4007
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
1A SURFACE MOUNT SILICON RECTIFIERS
SM4001 THRU SM4007
FEATURES
GLASS PASSIVATED JUNCTION
IDEAL FOR SURFACE MOUNTED APPLICATIONS
LOW LEAKAGE CURRENT
UL 94V-0 FLAME RETARDANT EPOXY MOLDING COMPOUND
MECHANICAL DATA
CASE: TRANSFER MOLDED, MELF, DIMENSIONS
IN INCHES AND (MILLIMETERS)
TERMINALS: SOLDERABLE PER MIL-STD-750, METHOD 2026
POLARITY: CATHODE INDICATED BY COLOR BAND
WEIGHT: 0.135 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL SM4001 SM4002 SM4003 SM4004 SM4005 SM4006 SM4007 UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
200
400
600
800
1000
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
140
280
420
560
700
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
200
400
600
800
1000
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
AT SEE FIG.1
IO
1.0
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
30
A
TYPICAL JUNCTION CAPACITANCE (NOTE 1)
CJ
15
PF
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 175
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 175
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL SM4001 SM4002 SM4003 SM4004 SM4005 SM4006 SM4007 UNITS
MAXIMUM FORWARD VOLTAGE AT Io DC
VF
1.1
V
MAXIMUM DC REVERSE CURRENT
IR
5
μA
NOTE
: 1. MEASURED AT 1.0 MHZ AND APPLIED REVERSE VOLTAGE OF 4.0 V
SOLDERABLE ENDS
.105(2.67)
.095(2.41)
.205(5.2)
.190(4.8)
.022(.60)
.018(.46)


同様の部品番号 - SM4002

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
SM4002 RECTRON-SM4002 Datasheet
21Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Galaxy Semi-Conductor H...
SM4002 BILIN-SM4002 Datasheet
198Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Diotec Semiconductor
SM4002 DIOTEC-SM4002 Datasheet
153Kb / 2P
   Standard Recovery SMD Rectifier Diodes
logo
Bytes
SM4002 BYTES-SM4002 Datasheet
149Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
UNIOHM CORPORATION
SM4002 UNIOHM-SM4002 Datasheet
63Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
More results

同様の説明 - SM4002

メーカー部品番号データシート部品情報
logo
Frontier Electronics.
SM4001-LFR FRONTIER-SM4001-LFR Datasheet
120Kb / 2P
   1A SURFACE MOUNT SILICON RECTIFIERS
DF005S-LFR FRONTIER-DF005S-LFR Datasheet
121Kb / 2P
   1A SURFACE MOUNT BRIDGE RECTIFIERS
logo
Microsemi Corporation
UPS5817 MICROSEMI-UPS5817 Datasheet
554Kb / 3P
   SURFACE MOUNT 1A SCHOTTKY RECTIFIERS
logo
Frontier Electronics.
DF005S FRONTIER-DF005S Datasheet
121Kb / 2P
   1A SURFACE MOUNT BRIDGE RECTIFIERS
logo
TAITRON Components Inco...
MLL5817 TAITRON-MLL5817 Datasheet
142Kb / 3P
   1A Surface Mount Schottky Rectifiers
logo
Frontier Electronics.
RS4933 FRONTIER-RS4933 Datasheet
127Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
FFM101M-LFR FRONTIER-FFM101M-LFR Datasheet
126Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
FM120-N FRONTIER-FM120-N Datasheet
119Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM4933 FRONTIER-SM4933 Datasheet
125Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Chip Integration Techno...
B120W CITC-B120W Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com