データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM30-04 データシート(PDF) 1 Page - Frontier Electronics.

部品番号 SM30-04
部品情報  30A SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FRONTIER [Frontier Electronics.]
ホームページ  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SM30-04 データシート(HTML) 1 Page - Frontier Electronics.

  SM30-04 Datasheet HTML 1Page - Frontier Electronics. SM30-04 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SR30-03 THRU SR30-06
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
30A SCHOTTKY BARRIER RECTIFIERS
SR30-03 THRU SR30-06
FEATURES
DUAL RECTIFIER CONSTRUCTION, POSITIVE CENTER-TAP
PLASTIC MATERIAL USED CARRIES UNDERWRITERS
LABORATORY FLAMMABILITY CLASSIFICATION 94V-0
METAL TO SILICON RECTIFIER ,MAJORITY CARRIER
CONDUCTION
LOW POWER LOSS, HIGH EFFICIENCY
HIGH CURRENT CAPABILITY, LOW VF
HIGH SURGE CAPABILITY
EPITAXIAL CONSTRUCTION
FOR USE IN LOW VOLTAGE, HIGH FREQUENCY INVERTERS,
FREE WHEELING, AND POLARITY PROTECTION
APPLICATIONS
HIGH SOLDERING TEMPERATURE :260
°C /10S
0.17(4.3mm) LEAD LENGTH AT 5 LBS.(2.3KG) TENSION
MECHANICAL DATA
CASE: MOLDED PLASTIC, TO-3P, DIMENSIONS
IN INCHES AND (MILLIMETERS)
TERMINALS: LEAD SOLDERABLE PER MIL-STD-202,
METHOD 208
POLARITY: AS MARKED
MOUNTING POSITION: ANY
WEIGHT: 6.4 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL SR30-03
SR30-035
SR30-04
SR30-045
SR30-05
SR30-06
UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
30
35
40
45
50
60
V
MAXIMUM RMS VOLTAGE
VRMS
21
24
28
31
35
42
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
30
35
40
45
50
60
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
(SEE FIG.1)
IO
30.0
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
300
A
TYPICAL THERMAL RESISTANCE (NOTE 2)
Rθjc
1.4
°C /W
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 150
°C
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 125
- 55 TO + 150
°C
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL SR30-03
SR30-035
SR30-04
SR30-045
SR30-05
SR30-06
UNITS
MAXIMUM FORWARD VOLTAGE AT 15A DC
VF
0.60
0.70
V
MAXIMUM REVERSE CURRENT AT 25
°C (NOTE 1) PER LEG
IR
5.0
mA
MAXIMUM REVERSE CURRENT AT 100
°C (NOTE 1) PER LEG
IR
60
100
mA
NOTES:
1. PULSE TEST: 300µS PULSE WIDTH, 1% DUTY CYCLE
2. THERMAL RESISTANCE FROM JUNCTION TO CASE PER LEG MOUNTED ON HEAT SINK
MILLIMETERS
MIN
MAX
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
p
-
1.7
5.0
-
14.8
11.7
-
-
-
1.1
5.25
19.0
4.7
2.8
2.4
0.45
16.2
2.7
6.0
22.0
15.2
12.7
4.5
2.5
3.5
1.4
5.65
-
5.3
3.2
2.8
0.85
PIN 1
PIN 2
PIN 3
CASE
C
G
P
N
H
A
B
F E
D
K
L
M
o
1
23
3.4
±0.1


同様の部品番号 - SM30-04

メーカー部品番号データシート部品情報
logo
Semtech Corporation
SM30 SEMTECH-SM30 Datasheet
118Kb / 3P
   RECTIFIER, up to 3kV, 600mA, 2.5關s
logo
MIC GROUP RECTIFIERS
SM30 MIC-SM30 Datasheet
67Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Kemet Corporation
SM30 KEMET-SM30 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
Banner Engineering Corp...
SM30 BANNER-SM30 Datasheet
350Kb / 5P
   SM30 Series 30 mm Barrel Sensors
logo
StarHope
SM300 SPSEMI-SM300 Datasheet
1Mb / 3P
   Surface Mount Devices
More results

同様の説明 - SM30-04

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
SM30200D SECOS-SM30200D Datasheet
298Kb / 2P
   30A Schottky Barrier Rectifiers
logo
MORE Semiconductor Comp...
MBR30150CT MORESEMI-MBR30150CT Datasheet
955Kb / 2P
   30A Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM30200D SECOS-SM30200D_15 Datasheet
236Kb / 2P
   30A Schottky Barrier Rectifiers
SM30100D SECOS-SM30100D_15 Datasheet
251Kb / 2P
   30A Schottky Barrier Rectifiers
logo
MORE Semiconductor Comp...
MBR30100FCT MORESEMI-MBR30100FCT Datasheet
785Kb / 2P
   30A Schottky Barrier Rectifiers
MBR30150FCT MORESEMI-MBR30150FCT Datasheet
858Kb / 2P
   30A Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM3060D SECOS-SM3060D_15 Datasheet
244Kb / 2P
   30A Schottky Barrier Rectifiers
logo
MORE Semiconductor Comp...
MBR3045CT MORESEMI-MBR3045CT Datasheet
755Kb / 2P
   30A Schottky Barrier Rectifiers
MBR3045FCT MORESEMI-MBR3045FCT Datasheet
930Kb / 2P
   30A Schottky Barrier Rectifiers
logo
Frontier Electronics.
SB3040CT FRONTIER-SB3040CT Datasheet
511Kb / 2P
   30A SCHOTTKY BARRIER RECTIFIERS
logo
MORE Semiconductor Comp...
MBR30100CT MORESEMI-MBR30100CT Datasheet
880Kb / 2P
   30A Schottky Barrier Rectifiers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com