データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS24A データシート(PDF) 2 Page - Frontier Electronics.

部品番号 SS24A
部品情報  2A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FRONTIER [Frontier Electronics.]
ホームページ  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SS24A データシート(HTML) 2 Page - Frontier Electronics.

  SS24A Datasheet HTML 1Page - Frontier Electronics. SS24A Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SS22A THRU SS210A
Page: 2
RATINGS AND CHARACTERISTIC CURVE SS22A THRU SS210A
FIG. 5 - MAXIMUM NON-REPETITIVE
SURGE CURRENT
50
40
30
20
10
0
1
2
4
10
20
40
100
NUMBER OF CYCLES AT 60HZ
8.3ms Single Half
Sine-Wave
(JEDEC Method)
FIG. 1 - FORWARD CURRENT
DERTING CURVE
2.0
1.0
0
0
20
40 60 80 100 120 140 160 180 200
SINGLE PHASE HALF
WAVE 60HZ
RESISTIVE OR
INDUCTIVE LOAD
LEAD TEMPERATURE (
℃)
P.C.B MOUNTED ON
0.3×0.3”(8.0×8.0mm)
COPPER PAD AREAS
TJ=25
PULSE WIDTH=300us
1% DUTY CYCLE
FIG.2 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
20
10
1.0
0.1
.1 .3 .5 .7 .9 1.1 1.3 1.5 1.7 1.9 2.1
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
SS22A~SS24A
SS25A~SS26A
SS28A~SS210A
FIG. 3 - TYPICAL REVERSE
CHARACTERISTICS
100
10
1.0
.10
.01
.001
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE
VOLTAGE, (%)
TA=75
TJ=25
TA=125
SS28A~SS210A
SS25A~SS26A
SS22A~SS24A
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
400
200
100
80
60
40
20
10
0.1
0.4
1.0
4
10
40 80100
REVERSE VOLTAGE, VOLTS
TJ=25
SS22A~SS24A
SS25A~SS26A
SS28A~SS210A


同様の部品番号 - SS24A

メーカー部品番号データシート部品情報
logo
Shanghai Sunrise Electr...
SS24A SSE-SS24A Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS24A DGNJDZ-SS24A Datasheet
160Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
SS24A HY-SS24A Datasheet
398Kb / 3P
   Surface Mount Schottky Barrier Recitifiers
logo
Galaxy Semi-Conductor H...
SS24A BILIN-SS24A Datasheet
168Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Diode Semiconductor Kor...
SS24A DSK-SS24A Datasheet
188Kb / 2P
   SURFACE MOUNT SCHOTTKY
More results

同様の説明 - SS24A

メーカー部品番号データシート部品情報
logo
Chip Integration Techno...
SKL26CG CITC-SKL26CG Datasheet
92Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
SK22A CITC-SK22A Datasheet
164Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
SK22AS CITC-SK22AS Datasheet
459Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
SK22B CITC-SK22B Datasheet
153Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
SKL22ASG CITC-SKL22ASG Datasheet
459Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
logo
Frontier Electronics.
SS22 FRONTIER-SS22 Datasheet
182Kb / 2P
   2A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
SKL22B CITC-SKL22B Datasheet
92Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
SKL22C CITC-SKL22C Datasheet
92Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
B220LWG-ST CITC-B220LWG-ST Datasheet
92Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
B240LWG-S CITC-B240LWG-S Datasheet
90Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
SKL26AG CITC-SKL26AG Datasheet
92Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com