データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM5401 データシート(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

部品番号 SM5401
部品情報  Surface Mount Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
ホームページ  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SM5401 データシート(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SM5401 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SM5401 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low cost
Low leakage
Low forward voltage drop
High current capability
Case:JEDEC DO--213AB,MELF
Polarity: Color band denotes cathode
Weight: 0.0046 ounces, 0.116 grams
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,50 Hz,resistive or inductive load. For capacitive load,derate by 20%.
SM
5402
SM
5403
SM
5404
SM
5405
SM
5406
SM
5407
SM
5408 UNITS
Maximum recurrent peak reverse voltage
VRRM
200
300
400
500
600
800
1000
V
Maximum RMS voltage
VRMS
140
210
280
350
420
560
700
V
Maximum DC blocking voltage
VDC
200
300
400
500
600
800
1000
V
Maximum average forw ard rectif ied current
@T
A=50
Peak forw ard surge current
10ms single half-sine-w ave
superimposed on rated load
@T
A=25
Maximum instantaneous forw ard voltage
@ 3.0 A
VF
V
Maximum reverse current
at rated DC blocking voltage
Typical thermal resistance junction to terminal
R thT
Typical thermal resistance
(Note1)
R
thA
K/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
100
70
VOLTAGE RANGE: 50 --- 1000 V
CURRENT:
3.0 A
35
50
DO - 213AB
100
IFSM
NOTE:
- 50 ---- + 175
- 50 ---- + 175
IR
A
10.0
Easily cleaned with Alcohol,Isopropanol
and similar solvents
IF(AV)
3.0
The plastic material carries U/L
recognition 94V-0
A
10
SM
5400
SM
5401
50
100
1.2
40
1. Thermal resistance f rom junction to ambient.
A
K/W
SM5400-SM5408
Surface Mount Rectifiers
Features
Mechanical Data
SOLDERABLE ENDS
D2
D2=D1
+0
-0.20
0.5± 0.1
0.5± 0.1
4.9± 0.2
Dimensions in millimeters
http://www.luguang.cn
mail:lge@luguang.cn


同様の部品番号 - SM5401

メーカー部品番号データシート部品情報
logo
Diotec Semiconductor
SM5401 DIOTEC-SM5401 Datasheet
164Kb / 2P
   Surface Mount Si-Rectifiers
SM5401 DIOTEC-SM5401 Datasheet
110Kb / 2P
   Surface Mount Si-Rectifiers
logo
Semikron International
SM5401 SEMIKRON-SM5401 Datasheet
107Kb / 2P
   Standard silicon rectifier diodes
logo
PACELEADER INDUSTRIAL
SM5401 PACELEADER-SM5401 Datasheet
226Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
logo
Diotec Semiconductor
SM5401 DIOTEC-SM5401 Datasheet
152Kb / 2P
   Standard Recovery SMD Rectifier Diodes
More results

同様の説明 - SM5401

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
RS5AC DSK-RS5AC Datasheet
146Kb / 2P
   SURFACE MOUNT RECTIFIERS
US3AB DSK-US3AB Datasheet
108Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com