データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

8XC196NU データシート(PDF) 1 Page - Intel Corporation

部品番号 8XC196NU
部品情報  8XC196NU COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

8XC196NU データシート(HTML) 1 Page - Intel Corporation

  8XC196NU Datasheet HTML 1Page - Intel Corporation 8XC196NU Datasheet HTML 2Page - Intel Corporation 8XC196NU Datasheet HTML 3Page - Intel Corporation 8XC196NU Datasheet HTML 4Page - Intel Corporation 8XC196NU Datasheet HTML 5Page - Intel Corporation 8XC196NU Datasheet HTML 6Page - Intel Corporation 8XC196NU Datasheet HTML 7Page - Intel Corporation 8XC196NU Datasheet HTML 8Page - Intel Corporation 8XC196NU Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
PRELIMINARY
COPYRIGHT © INTEL CORPORATION, 1997
February 1997
Order Number: 272644-004
8XC196NU COMMERCIAL
CHMOS 16-BIT MICROCONTROLLER
The 8XC196NU is a member of Intel’s 16-bit MCS® 96 microcontroller family. The device features 1 Mbyte of
linear address space, a demultiplexed bus, and a chip-select unit. The external bus can dynamically switch
between multiplexed and demultiplexed operation.
s 50 MHz Operation†
s 1 Mbyte of Linear Address Space
s Optional 48 Kbytes of ROM
s 1 Kbyte of Register RAM
s Register-register Architecture
s Footprint and Functionally Compatible
Upgrade for the 8XC196NP
s 32 I/O Port Pins
s 16 Prioritized Interrupt Sources
s 4 External Interrupt Pins and NMI Pin
s 2 Flexible 16-bit Timer/Counters with
Quadrature Counting Capability
s 3 Pulse-width Modulator (PWM)
Outputs with High Drive Capability
s Full-duplex Serial Port with Dedicated
Baud-rate Generator
s Peripheral Transaction Server
40 MHz standard; 50 MHz is Speed Premium
s Chip-select Unit
— 6 Chip-select Pins
— Dynamic Demultiplexed/Multiplexed
Address/Data Bus for Each
Chip Select
— Programmable Wait States
(0–3) for Each Chip Select
— Programmable Bus Width
(8- or 16-bit) for Each Chip Select
— Programmable Address Range for
Each Chip Select
s Event Processor Array (EPA) with
4 High-speed Capture/Compare
Channels
s Multiply and Accumulate Executes in
640 ns Using the 32-bit Hardware
Accumulator
s 960 ns 32/16 Unsigned Division
s 100-pin SQFP or 100-pin QFP Package
s Complete System Development
Support
s High-speed CHMOS Technology


同様の部品番号 - 8XC196NU

メーカー部品番号データシート部品情報
logo
Intel Corporation
8XC196NP INTEL-8XC196NP Datasheet
661Kb / 51P
   COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
8XC196NT INTEL-8XC196NT Datasheet
485Kb / 31P
   CHMOS MICROCONTROLLER WITH 1 MBYTE LINEAR ADDRESS SPACE
8XC196NT INTEL-8XC196NT Datasheet
565Kb / 31P
   CHMOS MICROCONTROLLER WITH 1 MBYTE LINEAR ADDRESS SPACE
More results

同様の説明 - 8XC196NU

メーカー部品番号データシート部品情報
logo
Intel Corporation
S80C196NU40 INTEL-S80C196NU40 Datasheet
3Mb / 43P
   8XC196NU COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
8XL196NP INTEL-8XL196NP Datasheet
581Kb / 34P
   COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
8XC196NP INTEL-8XC196NP Datasheet
661Kb / 51P
   COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
EG80C196NP25 INTEL-EG80C196NP25 Datasheet
607Kb / 51P
   COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
80296SA INTEL-80296SA Datasheet
349Kb / 40P
   80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
S80296SA40 INTEL-S80296SA40 Datasheet
345Kb / 40P
   80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
S80296SA50 INTEL-S80296SA50 Datasheet
345Kb / 40P
   80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
87C196LB INTEL-87C196LB Datasheet
463Kb / 19P
   CHMOS 16-BIT MICROCONTROLLER
88CO196EC INTEL-88CO196EC Datasheet
660Kb / 44P
   CHMOS 16-Bit Microcontroller
83C196EA INTEL-83C196EA Datasheet
379Kb / 40P
   CHMOS 16-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com