データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF-305G データシート(PDF) 10 Page - NEC

部品番号 LF-305G
部品情報  Noise Filters
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

LF-305G データシート(HTML) 10 Page - NEC

Back Button LF-305G Datasheet HTML 6Page - NEC LF-305G Datasheet HTML 7Page - NEC LF-305G Datasheet HTML 8Page - NEC LF-305G Datasheet HTML 9Page - NEC LF-305G Datasheet HTML 10Page - NEC LF-305G Datasheet HTML 11Page - NEC LF-305G Datasheet HTML 12Page - NEC LF-305G Datasheet HTML 13Page - NEC LF-305G Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
Noise Filters VOL.11
10
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9615NFSVOL11E1106E1
bLF-202A, LF-202U-1
A
10
D
E
F
G
10
2-3.5ø
(Green/Yellow)
Label
Lead wire
UL1015AWG#22
H
8
(Black)
(Black)
(White)
(White)
bLF-200 Series
IN
E
Circuit Diagram
Shape and Dimensions
LF Series
Small Current Type
[RoHS Compliant]
LF-202A
250
2
1500
300
1
1.5
30
–20 to +55
95
LF-202U-1
250
2
1500
300
1
1.5
30
–20 to +55
UL
95
Rated
Rated
WithstandingInsulation resistance
Leakage
Voltage
Self-
Operating
Model
voltage
current
voltage 1 min.,
500VDC 1 min.,
currentdrop
temperature temperatureCertified Weight
AC/DC (V)
AC/DC (A)
line to groundline to ground
250V/60Hz,
50Hz,
rise
range
standard
(g)
AC (V)
(M ) min.
(mA) max.
(V) max.
(K) max.
(˚C)
LF Series
Small Current Type
[RoHS Compliant]
LF-202A Normal mode
LF-202A Common mode
100
80
60
40
20
0
Frequency (MHz)
0.1
0.5
1.0
5.0
10
20 30
Attenuation (Static Characteristics)
bCommon mode
bNormal mode
P
Z 0
Z 0
P: Power divider
Z 0 : 50
Z 0 : 50
Z 0
Z 0
Z 0
EMI/EMC
filter
EMI/EMC
filter
Measuring Circuit
Model
A
B
C
D
E
F
G
H
LF-202A
100
32
17
48
56
64
100
25
LF-202U-1
200
32
17
48
56
64
200
25
[mm]
Casing Type
Metal box


同様の部品番号 - LF-305G

メーカー部品番号データシート部品情報
logo
Kemet Corporation
LF-305 KEMET-LF-305 Datasheet
81Kb / 1P
   KEMET, LF, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 5 A
More results

同様の説明 - LF-305G

メーカー部品番号データシート部品情報
logo
Okaya Electric America,...
RZR-6815N OKAYA-RZR-6815N Datasheet
80Kb / 1P
   NOISE FILTERS
logo
KOA Speer Electronics, ...
KC1JLTD KOA-KC1JLTD Datasheet
116Kb / 8P
   Noise Filters
logo
TDK Electronics
MDF2016BSS270CTD25 TDK-MDF2016BSS270CTD25 Datasheet
171Kb / 3P
   Noise Suppression Filters
MAF0603FAL470BT000 TDK-MAF0603FAL470BT000 Datasheet
146Kb / 3P
   Noise Suppression Filters
MDF2016BSS420CTD25 TDK-MDF2016BSS420CTD25 Datasheet
172Kb / 3P
   Noise Suppression Filters
MAF0603FAL330BT000 TDK-MAF0603FAL330BT000 Datasheet
147Kb / 3P
   Noise Suppression Filters
MDF1005GAD102ATD25 TDK-MDF1005GAD102ATD25 Datasheet
160Kb / 3P
   Noise Suppression Filters
MDF2016BSS120CTD25 TDK-MDF2016BSS120CTD25 Datasheet
170Kb / 3P
   Noise Suppression Filters
MDF2016BSS600CTD25 TDK-MDF2016BSS600CTD25 Datasheet
173Kb / 3P
   Noise Suppression Filters
MDF2016BSS180CTD25 TDK-MDF2016BSS180CTD25 Datasheet
171Kb / 3P
   Noise Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com