データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC904UG4 データシート(PDF) 10 Page - Texas Instruments

部品番号 DAC904UG4
部品情報  14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC904UG4 データシート(HTML) 10 Page - Texas Instruments

Back Button DAC904UG4 Datasheet HTML 6Page - Texas Instruments DAC904UG4 Datasheet HTML 7Page - Texas Instruments DAC904UG4 Datasheet HTML 8Page - Texas Instruments DAC904UG4 Datasheet HTML 9Page - Texas Instruments DAC904UG4 Datasheet HTML 10Page - Texas Instruments DAC904UG4 Datasheet HTML 11Page - Texas Instruments DAC904UG4 Datasheet HTML 12Page - Texas Instruments DAC904UG4 Datasheet HTML 13Page - Texas Instruments DAC904UG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
DAC904
10
SBAS095C
www.ti.com
APPLICATION INFORMATION
THEORY OF OPERATION
The architecture of the DAC904 uses the current steering
technique to enable fast switching and a high update rate. The
core element within the monolithic DAC is an array of seg-
mented current sources that are designed to deliver a full-scale
output current of up to 20mA, as shown in Figure 1. An internal
decoder addresses the differential current switches each time
the DAC is updated and a corresponding output current is
formed by steering all currents to either output summing node,
IOUT or IOUT. The complementary outputs deliver a differential
output signal that improves the dynamic performance through
reduction of even-order harmonics, common-mode signals
(noise), and double the peak-to-peak output signal swing by a
factor of two, compared to single-ended operation.
FIGURE 1. Functional Block Diagram of the DAC904.
PMOS
Current
Source
Array
LSB
Switches
Segmented
MSB
Switches
+1.24V Ref
Latches and Switch
Decoder Logic
14-Bit Data Input
D13...D0
DAC904
Full-Scale
Adjust
Resistor
Ref
Control
Amp
Ref
Buffer
BW
+V
D
+V
A
R
SET
2k
CLK
DGND
Ref
Input
0.1
µF
INT/EXT
I
OUT
I
OUT
BYP
PD
20pF(1)
50
50
20pF(1)
1:1
V
OUT
0.1
µF
400pF
0.1
µF(1)
+3V to +5V
Analog
Bandwidth
Control
+3V to +5V
Digital
FSA
REF
IN
AGND
Analog
Ground
Digital
Ground
Power Down
(internal pull-down)
Clock
Input
NOTE: Supply bypassing not shown.
NOTE: (1) Optional.
TYPICAL CHARACTERISTICS: VD = VA = +3V (Cont.)
At TA = +25°C, Differential IOUT = 20mA, 50Ω double-terminated load, SFDR up to Nyquist, unless otherwise specified.
FOUR-TONE OUTPUT SPECTRUM
Frequency (MHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
510
15
20
25
f
CLOCK = 50MSPS
f
OUT1 = 6.25MHz
f
OUT2 = 6.75MHz
f
OUT3 = 7.25MHz
f
OUT4 = 7.75MHz
SFDR = 67dBc
Amplitude = 0dBFS
The segmented architecture results in a significant reduction
of the glitch energy, and improves the dynamic performance
(SFDR) and DNL. The current outputs maintain a very high
output impedance of greater than 200k
Ω.
The full-scale output current is determined by the ratio of the
internal reference voltage (1.24V) and an external resistor,
RSET. The resulting IREF is internally multiplied by a factor of
32 to produce an effective DAC output current that can range
from 2mA to 20mA, depending on the value of RSET.
The DAC904 is split into a digital and an analog portion, each
of which is powered through its own supply pin. The digital
section includes edge-triggered input latches and the de-
coder logic, while the analog section comprises the current
source array with its associated switches and the reference
circuitry.


同様の部品番号 - DAC904UG4

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
DAC904U BURR-BROWN-DAC904U Datasheet
192Kb / 16P
   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
More results

同様の説明 - DAC904UG4

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
DAC904 BURR-BROWN-DAC904 Datasheet
192Kb / 16P
   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC902 BURR-BROWN-DAC902 Datasheet
216Kb / 16P
   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC900 TI1-DAC900 Datasheet
798Kb / 24P
[Old version datasheet]   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC908 TI1-DAC908 Datasheet
789Kb / 23P
[Old version datasheet]   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC900 BURR-BROWN-DAC900 Datasheet
192Kb / 16P
   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC908 BURR-BROWN-DAC908 Datasheet
180Kb / 15P
   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC902 TI1-DAC902 Datasheet
802Kb / 24P
[Old version datasheet]   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
DATEL, Inc.
5962-9319801HXC-14 DATEL-5962-9319801HXC-14 Datasheet
159Kb / 1P
   14-Bit 5MHz Analog To Digital Converter
5962-9319803HXC-14 DATEL-5962-9319803HXC-14 Datasheet
159Kb / 1P
   14-Bit 5MHz Analog To Digital Converter
logo
Analog Devices
HAS-1409 AD-HAS-1409_15 Datasheet
3Mb / 6P
   14 BIT 125KHZ ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com