データシートサーチシステム |
|
FM0H223ZFTP データシート(PDF) 10 Page - NEC |
|
FM0H223ZFTP データシート(HTML) 10 Page - NEC |
10 / 39 page ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 2010.11.8 9565SCAVOL12E 10 Super Capacitors Vol.12 ・ FC, FCH Type 250 200 150 100 50 0 Time (sec) Tp Time exceeding 200℃ 120sec 160 ℃ Reflow profile Peak temperature Peak temperature : 235℃,within 10sec. 250 240 230 220 210 200 Tp (sec) Tp Time exceeding 200℃ 0 10 20 30 40 50 60 Reflow profile 0 50 100 150 200 250 300 0 50 100 150 200 250 300 350 400 Time (sec) 200℃ 150℃ 260℃ Temperature on the capacitor top 217℃ 70sec 150sec ・ FCS Type ・ Above "Reflow Profile" graph indicates temperature at the terminals and capacitor top. ・ Above "Reflow Profile" graph indicates temperature at the terminals and capacitor top. Precautions for use ・ This series is exclusively for reflow soldering. It is designed for thermal conduction system such as combination use of infrared ray and heat blow. Consult with NEC TOKIN before applying other methods. ・ The reflow condition must be kept within reflow profile graphs shown below. ・ Applying reflow soldering is limited to 2 times. After the first reflow, cool down the capacitor thoroughly to 5-35 ℃ before the second reflow. Always consult with NEC TOKIN when applying reflow soldering in a more severe condition than the condition described here. Peak temperature Below 260 ℃ Over 255 ℃ Within 10sec. Over 230 ℃ Within 45sec. Over 220 ℃ Within 60sec. Over 217 ℃ Within 70sec. Time between 150 ℃ to 200 ℃(temperature zone over 170 ℃=within 50sec.) 150sec. |
同様の部品番号 - FM0H223ZFTP |
|
同様の説明 - FM0H223ZFTP |