データシートサーチシステム |
|
SA100 データシート(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
|
SA100 データシート(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
1 / 3 page Maximum Ratings @ TA = 25°C unless otherwise specified Characteristic Symbol Value Unit Peak Power Dissipation, Tp = 1.0ms (Non repetitive current pulse, derated above TA = 25°C) Ppk 500 W Steady State Power Dissipation at TL = 75°C Lead Lengths 9.5 mm (Board mounted) Pd 1.0 W Peak Forward Surge Current, 8.3 Single Half Sine Wave Superimposed on Rated Load Duty Cycle = 4 pulses per minute maximum IFSM 70 A Forward Voltage @ IF = 35A 300µs Square Wave Pulse, Unidirectional Only VF 3.5 V Operating and Storage Temperature Range TJ,TSTG -65 to +175 °C Case: Transfer Molded Epoxy Plastic Case Material has UL Flammability Classification Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Leads: Plated Leads, Solderable per MIL-STD-202, Method 208 Marking: Unidirectional: Type Number and Cathode Band Marking Bi-directional: Type Number Only Approx. Weight: 0.4 grams Constructed with Glass Passivated Die Excellent Clamping Capability 500W Peak Pulse Power Dissipation Fast Response Time 100% Tested at Rated Peak Pulse Power Voltage Range 5.0 - 170 Volts Unidirectional and Bi-directional Versions Available (Note 1) Notes: 1. Suffix “A” denotes unidirectional, suffix “CA” denotes bi-directional device. 2. For bi-directional devices having VR of 10 volts and under, the IR limit is doubled. SA5V0(C)A-SA170(C)A 500W Transient Voltage Suppressor Features Mechanical Data DO-15 Dimensions in inches and (millimeters) http://www.luguang.cn mail:lge@luguang.cn |
同様の部品番号 - SA100 |
|
同様の説明 - SA100 |