データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADF4360-3BCPZ データシート(PDF) 4 Page - Analog Devices

部品番号 ADF4360-3BCPZ
部品情報  Integrated Synthesizer and VCO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADF4360-3BCPZ データシート(HTML) 4 Page - Analog Devices

  ADF4360-3BCPZ Datasheet HTML 1Page - Analog Devices ADF4360-3BCPZ Datasheet HTML 2Page - Analog Devices ADF4360-3BCPZ Datasheet HTML 3Page - Analog Devices ADF4360-3BCPZ Datasheet HTML 4Page - Analog Devices ADF4360-3BCPZ Datasheet HTML 5Page - Analog Devices ADF4360-3BCPZ Datasheet HTML 6Page - Analog Devices ADF4360-3BCPZ Datasheet HTML 7Page - Analog Devices ADF4360-3BCPZ Datasheet HTML 8Page - Analog Devices ADF4360-3BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADF4360-3
Data Sheet
Rev. C | Page 4 of 24
Parameter
B Version
Unit
Conditions/Comments
NOISE CHARACTERISTICS1, 5
VCO Phase-Noise Performance8
−110
dBc/Hz typ
@ 100 kHz offset from carrier.
−133
dBc/Hz typ
@ 1 MHz offset from carrier.
−141
dBc/Hz typ
@ 3 MHz offset from carrier.
−146
dBc/Hz typ
@ 10 MHz offset from carrier.
Synthesizer Phase-Noise Floor9
−172
dBc/Hz typ
@ 25 kHz PFD frequency.
−163
dBc/Hz typ
@ 200 kHz PFD frequency.
−147
dBc/Hz typ
@ 8 MHz PFD frequency.
In-Band Phase Noise10, 11
−85
dBc/Hz typ
@ 1 kHz offset from carrier.
RMS Integrated Phase Error12
0.57
Degrees typ
100 Hz to 100 kHz.
Spurious Signals due to PFD Frequency11, 13
−65
dBc typ
Level of Unlocked Signal with MTLD Enabled
−41
dBm typ
1 Operating temperature range is –40°C to +85°C.
2 Guaranteed by design. Sample tested to ensure compliance.
3 ICP is internally modified to maintain constant loop gain over the frequency range.
4 TA = 25°C; AVDD = DVDD = VVCO = 3.3 V; P = 32.
5 These characteristics are guaranteed for VCO core power = 15 mA.
6 Jumping from 1.6 GHz to 1.95 GHz. PFD frequency = 200 kHz; loop bandwidth = 10 kHz.
7 Using 50 Ω resistors to VVCO, into a 50 Ω load. For tuned loads, see the Output M
section.
atching
8 The noise of the VCO is measured in open-loop conditions.
9 The synthesizer phase -noise floor is estimated by measuring the in-band phase noise at the output of the VCO and subtracting 20 log N (where N is the N divider value).
10 The phase noise is measured with the EV-ADF4360-xEB1Z Evaluation Board and the HP8562E Spectrum Analyzer. The spectrum analyzer provides the REFIN for the
synthesizer; offset frequency = 1 kHz.
11 fREFIN = 10 MHz; fPFD = 200 kHz; N = 9,000; Loop B/W = 10 kHz.
12 fREFIN = 10 MHz; fPFD = 1 MHz; N = 1,800; Loop B/W = 25 kHz.
13 The spurious signals are measured with the EV-ADF4360-xEB1Z Evaluation Board and the HP8562E Spectrum Analyzer. The spectrum analyzer provides the REFIN for
the synthesizer; fREFOUT = 10 MHz @ 0 dBm.


同様の部品番号 - ADF4360-3BCPZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADF4360-3BCPZ AD-ADF4360-3BCPZ Datasheet
382Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-3BCPZRL AD-ADF4360-3BCPZRL Datasheet
382Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-3BCPZRL7 AD-ADF4360-3BCPZRL7 Datasheet
382Kb / 24P
   Integrated Synthesizer and VCO
More results

同様の説明 - ADF4360-3BCPZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADF4360-8 AD-ADF4360-8 Datasheet
570Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-5 AD-ADF4360-5 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-7 AD-ADF4360-7 Datasheet
336Kb / 28P
   Integrated Synthesizer and VCO
REV. B
ADF4360-2 AD-ADF4360-2 Datasheet
336Kb / 20P
   Integrated Synthesizer and VCO
REV. B
ADF4360-8 AD-ADF4360-8_15 Datasheet
716Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2 AD-ADF4360-2_15 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-1 AD-ADF4360-1_16 Datasheet
377Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-4 AD-ADF4360-4_16 Datasheet
394Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-6 AD-ADF4360-6_16 Datasheet
389Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-0 AD-ADF4360-0_16 Datasheet
366Kb / 24P
   Integrated Synthesizer and VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com