データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74F132SJ データシート(PDF) 3 Page - Texas Instruments

部品番号 74F132SJ
部品情報  Quad 2-Input NAND Schmitt Trigger
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

74F132SJ データシート(HTML) 3 Page - Texas Instruments

  74F132SJ Datasheet HTML 1Page - Texas Instruments 74F132SJ Datasheet HTML 2Page - Texas Instruments 74F132SJ Datasheet HTML 3Page - Texas Instruments 74F132SJ Datasheet HTML 4Page - Texas Instruments 74F132SJ Datasheet HTML 5Page - Texas Instruments 74F132SJ Datasheet HTML 6Page - Texas Instruments 74F132SJ Datasheet HTML 7Page - Texas Instruments 74F132SJ Datasheet HTML 8Page - Texas Instruments 74F132SJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Connection Diagrams
Unit Loading/Fan Out See Section 0 for U.L. definitions
54F/74F
Pin Names
Description
U.L.
Input I
IH/IIL
HIGH/LOW
Output I
OH/IOL
A
n,Bn
Inputs
1.0/1.0
20 µA/−0.6 mA
O
n
Outputs
50/33.3
−1 mA/20 mA
Function Table
Inputs
Outputs
AB
O
LL
H
LH
H
HL
H
HH
L
H = HIGH Voltage Level
L = LOW Voltage Level
Pin Assignment for
DIP, SOIC and Flatpak
DS009477-1
Pin Assignment
for LCC
DS009477-2
PrintDate=1997/08/28 PrintTime=12:25:31 10193 ds009477 Rev. No. 1
cmserv
Proof
2
DSXXX
www.national.com
2


同様の部品番号 - 74F132SJ

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
74F132SJ NSC-74F132SJ Datasheet
109Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
logo
Fairchild Semiconductor
74F132SJ FAIRCHILD-74F132SJ Datasheet
49Kb / 4P
   Quad 2-Input NAND Schmitt Trigger
74F132SJ FAIRCHILD-74F132SJ Datasheet
68Kb / 5P
   Quad 2-Input NAND Schmitt Trigger
74F132SJ FAIRCHILD-74F132SJ Datasheet
178Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
More results

同様の説明 - 74F132SJ

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74F132 PHILIPS-74F132 Datasheet
71Kb / 8P
   Quad 2-input NAND Schmitt trigger
1991 Jun 26
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
   Quad 2-input NAND Schmitt trigger
1999 Sep 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com