データシートサーチシステム |
|
CD40109BQNSRQ1 データシート(PDF) 1 Page - Texas Instruments |
|
|
CD40109BQNSRQ1 データシート(HTML) 1 Page - Texas Instruments |
1 / 14 page CD40109B-Q1 www.ti.com SCHS380 A – JUNE 2010 – REVISED AUGUST 2011 CMOS QUAD LOW-TO-HIGH VOLTAGE SHIFTER Check for Samples: CD40109B-Q1 1 FEATURES • Qualified for Automotive Applications Description of 'B' Series CMOS Devices" • Independent of Power Supply Sequence • Latch-Up Performance Meets 50 mA per JESD Considerations 78, Class I – VCC Can Exceed VDD APPLICATIONS – Input Signals can Exceed Both VCC and VDD • High-or-Low Level-Shifting With Three-State • Up and Down Level-Shifting Capability Outputs for Unidirectional or Bidirectional • Three-State Outputs With Separate Enable Bussing Controls • Isolation of Logic Subsystem Using Separate • Standardized Symmetrical Output Power Supplies from Supply Sequencing, Characteristics Supply Loss, and Supply Regulation • 100% Tested for Quiescent Current at 20 V Considerations • Maximum Input Current: – 1 µA at 18 V Over Full NS PACKAGE (TOP VIEW) Package-Temperature Range – 100 nA at 18 V and 25°C • Noise Margin (Full Package-Temperature Range): – 1 V at VCC = 5 V, VDD = 10 V – 2 V at VCC = 10 V, VDD = 15 V • 5-V, 10-V, and 15-V Parametric Ratings • Meets All Requirements of JEDEC Tentative Standard No. 13B, "Standard specifications for DESCRIPTION CD40109B contains four low-to-high-voltage level-shifting circuits. Each circuit will shift a low-voltage digital-logic input signal (A, B, C, D) with logical 1 = VCC and logical 0 = VSS to a high-voltage output signal (E, F, G, H) with logical 1 = VDD and logical 0 = VSS. The RCA-CD40109, unlike other low-to-high level-shifting circuits, does not require the presence of the high-voltage supply (VDD) before the application of either the low-voltage supply (VCC) or the input signals. There are no restrictions on the sequence of application of VDD, VCC, or the input signals. In addition, with one exception there are no restrictions on the relative magnitudes of the supply voltages or input signals within the device maximum ratings, provided that the input signal swings between VSS and at least 0.7 VCC; VCC may exceed VDD, and input signals may exceed VCC and VDD. When operated in the mode VCC > VDD, the CD40109 will operate as a high-to-low level-shifter. The CD40109 also features individual three-state output capability. A low level on any of the separately enabled three-state output controls produces a high-impedance state in the corresponding output. ORDERING INFORMATION(1) TA PACKAGE(2) ORDERABLE PART NUMBER TOP-SIDE MARKING –40°C to 125°C SOIC – NS Reel of 2000 CD40109BQNSRQ1 CD40109BQ (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. (2) Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2010–2011, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
同様の部品番号 - CD40109BQNSRQ1 |
|
同様の説明 - CD40109BQNSRQ1 |