データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF147QML データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 LF147QML
部品情報  LF147QML Wide Bandwidth Quad JFET Input Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LF147QML データシート(HTML) 6 Page - Texas Instruments

Back Button LF147QML Datasheet HTML 2Page - Texas Instruments LF147QML Datasheet HTML 3Page - Texas Instruments LF147QML Datasheet HTML 4Page - Texas Instruments LF147QML Datasheet HTML 5Page - Texas Instruments LF147QML Datasheet HTML 6Page - Texas Instruments LF147QML Datasheet HTML 7Page - Texas Instruments LF147QML Datasheet HTML 8Page - Texas Instruments LF147QML Datasheet HTML 9Page - Texas Instruments LF147QML Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LF147
SMD Electrical Characteristics
DC Parameters
The following conditions apply, unless otherwise specified:
V
S = ±15V, VCM = 0V, RS =0
Ω,R
L = Open
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Sub-
groups
V
IO
Input Offset Voltage
Vcc = ±15V
-9
9
mV
1
-15
15
mV
2, 3
Vcc = ±9V
-9
9
mV
1
I
IO
Input Offset Current
-0.1
0.1
nA
1
-20
20
nA
2
±I
IB
Input Bias Current
-0.2
0.2
nA
1
-50
50
nA
2
A
VS
Large Signal Voltage Gain
V
S = ±15V, VO = 0 to +10V,
R
L =2K
35
V/mV
4
15
V/mV
5, 6
V
S = ±15V, VO = 0 to -10V,
R
L =2K
35
V/mV
4
15
V/mV
5, 6
+V
O
Output Voltage Swing
V
S = ±15V, RL = 10K
12
V
4,5,6
V
S = ±15V, RL =2K
10
V
4,5,6
-V
O
Output Voltage Swing
V
S = ±15V, RL = 10K
-12
V
4,5,6
V
S = ±15V, RL =2K
-10
V
4,5,6
V
CM
Input Common Mode Voltage
Range
(Note 7)
±11
V
1,2,3
CMRR
Common Mode Rejection Ratio V
CM = ±11V
80
dB
1
+PSRR
Power Supply Rejection Ratio
+V
S =15to9V, -VS = -15V
80
dB
1
-PSRR
Power Supply Rejection Ratio
+V
S = 15V, -VS = -15 to -9V
80
dB
1
+I
S
Supply Current
14
mA
1
-I
S
Supply Current
-14
mA
1
+I
OS
Output Short Circuit Current
V
S = ±15V
-57
-13
mA
1, 3
-40
-6
mA
2
-I
OS
Output Short Circuit Current
V
S = ±15V
13
57
mA
1, 3
640
mA
2
AC Parameters
The following conditions apply, unless otherwise specified:
V
S = ±15V, VCM = 0V, RS =0
Ω,R
L = Open
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Sub-
groups
SR
Slew Rate
V
I = -5V to +5V, AV=1
R
L =2K
Ω,C
L = 100pF
8
V/µs
7
5
V/µs
8A, 8B
V
I = +5V to -5V, AV=1
R
L =2K
Ω,C
L = 100pF
8
V/µS
7
5
V/µS
8A, 8B
www.national.com
5


同様の部品番号 - LF147QML

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LF147 NSC-LF147 Datasheet
406Kb / 13P
   Wide Bandwidth Quad JFET Input Operational Amplifiers
logo
STMicroelectronics
LF147 STMICROELECTRONICS-LF147 Datasheet
302Kb / 10P
   WIDE BANDWIDTH QUAD J-FET OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LF147 NSC-LF147 Datasheet
77Kb / 9P
   WIDE BANDWIDTH QUAD JFER INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
LF147 TI-LF147 Datasheet
1Mb / 21P
[Old version datasheet]   The LF147 is a low cost, high speed quad JFET input operational amplifier with an internally trimmed input offset voltage ( BI-FET II??technology).
LF147 TI1-LF147 Datasheet
1Mb / 21P
[Old version datasheet]   Wide Bandwidth Quad JFET Input Operational Amplifiers
More results

同様の説明 - LF147QML

メーカー部品番号データシート部品情報
logo
Texas Instruments
LF147JAN TI1-LF147JAN_14 Datasheet
968Kb / 18P
[Old version datasheet]   Wide Bandwidth Quad JFET Input Operational Amplifier
logo
National Semiconductor ...
MJLF147-X NSC-MJLF147-X Datasheet
75Kb / 11P
   WIDE BANDWIDTH QUAD JFET INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
LF147JAN TI1-LF147JAN_V01 Datasheet
1Mb / 20P
[Old version datasheet]   LF147JAN Wide Bandwidth Quad JFET Input Operational Amplifier
LF147JAN TI1-LF147JAN Datasheet
837Kb / 18P
[Old version datasheet]   LF147JAN Wide Bandwidth Quad JFET Input Operational Amplifier
logo
National Semiconductor ...
TL081 NSC-TL081 Datasheet
235Kb / 8P
   WIDE BANDWIDTH JFET INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
LF147 TI1-LF147 Datasheet
1Mb / 21P
[Old version datasheet]   Wide Bandwidth Quad JFET Input Operational Amplifiers
LF147 TI1-LF147_16 Datasheet
1Mb / 21P
[Old version datasheet]   Wide Bandwidth Quad JFET Input Operational Amplifiers
logo
National Semiconductor ...
LF147 NSC-LF147 Datasheet
406Kb / 13P
   Wide Bandwidth Quad JFET Input Operational Amplifiers
logo
Texas Instruments
LF353-N TI1-LF353-N Datasheet
1,018Kb / 17P
[Old version datasheet]   Wide Bandwidth Dual JFET Input Operational Amplifier
logo
National Semiconductor ...
LF351 NSC-LF351 Datasheet
246Kb / 10P
   LF351 Wide Bandwidth JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com