データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF198WG-QMLV データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 LF198WG-QMLV
部品情報  LF198QML Monolithic Sample-and-Hold Circuits
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LF198WG-QMLV データシート(HTML) 4 Page - Texas Instruments

  LF198WG-QMLV Datasheet HTML 1Page - Texas Instruments LF198WG-QMLV Datasheet HTML 2Page - Texas Instruments LF198WG-QMLV Datasheet HTML 3Page - Texas Instruments LF198WG-QMLV Datasheet HTML 4Page - Texas Instruments LF198WG-QMLV Datasheet HTML 5Page - Texas Instruments LF198WG-QMLV Datasheet HTML 6Page - Texas Instruments LF198WG-QMLV Datasheet HTML 7Page - Texas Instruments LF198WG-QMLV Datasheet HTML 8Page - Texas Instruments LF198WG-QMLV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Absolute Maximum Ratings (Note 1)
Supply Voltage
±18V
Power Dissipation (Package Limitation) (Note 2)
500 mW
Operating Ambient Temperature Range
−55˚C to +125˚C
Maximum Junction Temperature (T
Jmax)
+150˚C
Input Voltage
Equal to Supply Voltage
Logic To Logic Reference Differential Voltage (Note 3)
+7V, −30V
Output Short Circuit Duration
Indefinite
Hold Capacitor Short Circuit Duration
10 sec
Lead Temperature (Soldering, 10 sec.)
260˚C
Thermal Resistance
θ
JA
Metal Can
(Still Air @ 0.5W)
160˚C/W
Metal Can
(500 LF/Min Air Flow @ 0.5W)
84˚C/W
Ceramic SOIC
(Still Air @ 0.5W)
140˚C/W
Ceramic SOIC
(500 LF/Min Air Flow @ 0.5W)
95˚C/W
θ
JC
Metal Can
48˚C/W
Ceramic SOIC
20˚C/W
Package Weight (typical)
Metal Can
TBD
Ceramic SOIC
415mg
ESD Tolerance (Note 7)
500V
Quality Conformance Inspection
Mil-Std-883, Method 5005 — Group A
Subgroup
Description
Temperature (˚C)
1
Static tests at
+25˚C
2
Static tests at
+125˚C
3
Static tests at
−55˚C
4
Dynamic tests at
+25˚C
5
Dynamic tests at
+125˚C
6
Dynamic tests at
−55˚C
7
Functional tests at
+25˚C
8A
Functional tests at
+125˚C
8B
Functional tests at
−55˚C
9
Switching tests at
+25˚C
10
Switching tests at
+125˚C
11
Switching tests at
−55˚C
www.national.com
3


同様の部品番号 - LF198WG-QMLV

メーカー部品番号データシート部品情報
logo
Texas Instruments
LF198WG-QMLV TI1-LF198WG-QMLV Datasheet
1Mb / 22P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
More results

同様の説明 - LF198WG-QMLV

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LF398N ETC-LF398N Datasheet
257Kb / 7P
   MONOLITHIC SAMPLE AND HOLD CIRCUITS
logo
Texas Instruments
LF198QML TI1-LF198QML_14 Datasheet
1Mb / 22P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
LF198-N TI1-LF198-N_16 Datasheet
2Mb / 33P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
LF298-MIL TI1-LF298-MIL Datasheet
2Mb / 28P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
logo
National Semiconductor ...
LF198 NSC-LF198 Datasheet
520Kb / 13P
   Monolithic Sample-and-Hold Circuits
logo
Texas Instruments
LF298MX TI1-LF298MX Datasheet
564Kb / 15P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
logo
JSC ALFA.
1100CK2 ALFA-1100CK2 Datasheet
368Kb / 4P
   Monolithic Sample-and-Hold Circuits
logo
Texas Instruments
JM38510-12501BGA TI-JM38510-12501BGA Datasheet
1,015Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
LF198JAN TI1-LF198JAN Datasheet
966Kb / 19P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
M38510 TI-M38510 Datasheet
988Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com