データシートサーチシステム |
|
LM101AJAN データシート(PDF) 2 Page - Texas Instruments |
|
|
LM101AJAN データシート(HTML) 2 Page - Texas Instruments |
2 / 24 page LM101AJAN Operational Amplifiers General Description The LM101A is a general purpose operational amplifier which features improved performance over industry stan- dards such as the LM709. Advanced processing techniques make possible an order of magnitude reduction in input currents, and a redesign of the biasing circuitry reduces the temperature drift of input current. Improved specifications include: • Offset voltage 3 mV maximum over temperature • Input current 100 nA maximum over temperature • Offset current 20 nA maximum over temperature • Guaranteed drift characteristics • Offsets guaranteed over entire common mode and sup- ply voltage ranges • Slew rate of 10V/µs as a summing amplifier This amplifier offers many features which make its appli- cation nearly foolproof: overload protection on the input and output, no latch-up when the common mode range is exceeded, and freedom from oscillations and compensa- tion with a single 30 pF capacitor. It has advantages over internally compensated amplifiers in that the frequency compensation can be tailored to the particular applica- tion. For example, in low frequency circuits it can be overcompensated for increased stability margin. Or the compensation can be optimized to give more than a factor of ten improvement in high frequency performance for most applications. In addition, the device provides better accuracy and lower noise in high impedance circuitry. The low input currents also make it particularly well suited for long interval integrators or timers, sample and hold circuits and low frequency waveform generators. Further, replac- ing circuits where matched transistor pairs buffer the inputs of conventional IC op amps, it can give lower offset voltage and a drift at a lower cost. Features n Offset voltage 3 mV maximum over temperature n Input current 100 nA maximum over temperature n Offset current 20 nA maximum over temperature n Guaranteed drift characteristics n Offsets guaranteed over entire common mode and supply voltage ranges n Slew rate of 10 V/µS as a summing amplifier Ordering Information NS Part Number SMD Part Number NS Package Number Package Description JL101ABGA JM38510/10103BGA H08C 8LD Metal Can JL101ABPA JM38510/10103BPA J08A 8LD CERDIP JL101ABHA JM38510/10103BHA W10A 10LD CERPACK JL101ABCA JM38510/10103BCA J14A 14LD CERDIP JL101ASGA JM38510/10103SGA H08C 8LD Metal Can JL101ASPA JM38510/10103SPA J08A 8LD CERDIP January 2006 © 2006 National Semiconductor Corporation DS201296 www.national.com |
同様の部品番号 - LM101AJAN |
|
同様の説明 - LM101AJAN |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |