データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM101AQML データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM101AQML
部品情報  LM101AQML Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM101AQML データシート(HTML) 7 Page - Texas Instruments

Back Button LM101AQML Datasheet HTML 3Page - Texas Instruments LM101AQML Datasheet HTML 4Page - Texas Instruments LM101AQML Datasheet HTML 5Page - Texas Instruments LM101AQML Datasheet HTML 6Page - Texas Instruments LM101AQML Datasheet HTML 7Page - Texas Instruments LM101AQML Datasheet HTML 8Page - Texas Instruments LM101AQML Datasheet HTML 9Page - Texas Instruments LM101AQML Datasheet HTML 10Page - Texas Instruments LM101AQML Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
LM101A
883 Electrical Characteristics (Continued)
DC Parameters (Continued)
The following conditions apply to all parameters, unless otherwise specified
V
CC = ±20V, VCM=0V
Symbol
Parameter
Conditions
Notes
Min
Max
Units
Sub-
groups
I
CC
Supply Current
3.0
mA
1
2.5
mA
2
3.5
mA
3
+V
IO Adj
Input Offset Voltage Adjust
4.0
mV
1, 2, 3
−V
IO Adj
Input Offset Voltage Adjust
-4.0
mV
1, 2, 3
+I
OS
Short Circuit Current
-45
-7.0
mA
1, 2, 3
-I
OS
Short Circuit Current
7.0
45
mA
1, 2, 3
V
I
Input Voltage Range
V
CC = ±20V
(Note 6)
-15
15
V
1, 2, 3
+A
VS
Large Signal Gain
V
CC = ±15V, RS =0,RL=2K
Ω,
V
O =10V
50
V/mV
4
25
V/mV
5, 6
-A
VS
Large Signal Gain
V
CC = ±15V, RS =0,RL=2K
Ω,
V
O =-10V
50
V/mV
4
25
V/mV
5, 6
R
I
Input Resistance
(Note 7)
1.5
M
4
(Note 7)
0.5
M
5, 6
+V
OP
Output Voltage Swing
R
L = 10K
16
V
4,5,6
R
L =2K
15
V
4,5,6
R
L = 10K
Ω,V
CC = ±15V
12
V
4, 5, 6
R
L =2K
Ω,V
CC = ±15V
10
V
4, 5, 6
-V
OP
Output Voltage Swing
R
L = 10K
-16
V
4,5,6
R
L =2K
-15
V
4,5,6
R
L = 10K
Ω,V
CC = ±15V
-12
V
4, 5, 6
R
L =2K
Ω,V
CC = ±15V
-10
V
4, 5, 6
AC Parameters
The following conditions apply to all parameters, unless otherwise specified
V
CC = ±20V, RL =2K
Ω,A
V =1
Symbol
Parameter
Conditions
Notes
Min
Max
Units
Sub-
groups
+SR
Slew Rate
V
I = -5V to 5V
0.2
V/µS
7
-SR
Slew Rate
V
I = 5V to -5V
0.2
V/µS
7
G
BW
Gain Bandwidth
V
I = 50mVRMS, f = 20KHz
0.25
MHz
7
www.national.com
6


同様の部品番号 - LM101AQML

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM101AQML TI1-LM101AQML Datasheet
990Kb / 28P
[Old version datasheet]   LM101AQML Operational Amplifiers
LM101AQML-SP TI1-LM101AQML-SP Datasheet
990Kb / 28P
[Old version datasheet]   LM101AQML Operational Amplifiers
LM101AQML TI1-LM101AQML_16 Datasheet
990Kb / 28P
[Old version datasheet]   LM101AQML Operational Amplifiers
More results

同様の説明 - LM101AQML

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM101AQML TI1-LM101AQML_16 Datasheet
990Kb / 28P
[Old version datasheet]   LM101AQML Operational Amplifiers
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com