データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM101AH-QMLV データシート(PDF) 5 Page - Texas Instruments

部品番号 LM101AH-QMLV
部品情報  LM101AQML Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM101AH-QMLV データシート(HTML) 5 Page - Texas Instruments

  LM101AH-QMLV Datasheet HTML 1Page - Texas Instruments LM101AH-QMLV Datasheet HTML 2Page - Texas Instruments LM101AH-QMLV Datasheet HTML 3Page - Texas Instruments LM101AH-QMLV Datasheet HTML 4Page - Texas Instruments LM101AH-QMLV Datasheet HTML 5Page - Texas Instruments LM101AH-QMLV Datasheet HTML 6Page - Texas Instruments LM101AH-QMLV Datasheet HTML 7Page - Texas Instruments LM101AH-QMLV Datasheet HTML 8Page - Texas Instruments LM101AH-QMLV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Absolute Maximum Ratings (Note 2)
Supply Voltage
±22V
Differential Input Voltage
±30V
Input Voltage (Note 3)
±15V
Output Short Circuit Duration
Continuous
Operating Ambient Temp. Range
−55˚C
≤ T
A
≤ +125˚C
T
J Max
150˚C
Power Dissipation at T
A = 25˚C (Note 4)
H-Package
(Still Air)
750 mW
(500 LF / Min Air Flow)
1200 mW
J-Package
(Still Air)
1000 mW
(500 LF / Min Air Flow)
1500 mW
W-Package
(Still Air)
500mW
(500 LF / Min Air Flow)
800mW
Thermal Resistance
θ
JA
H-Package
(Still Air)
165˚C/W
(500 LF / Min Air Flow)
89˚C/W
J-Package
(Still Air)
128˚C/W
(500 LF / Min Air Flow)
75˚C/W
W-Package
(Still Air)
233˚C/W
(500 LF / Min Air Flow)
155˚C/W
θ
JC (Typical)
H-Package
39˚C/W
J-Package
26˚C/W
W-Package
26˚C/W
Storage Temperature Range
−65˚C
≤ T
A
≤ +150˚C
Lead Temperature (Soldering, 10 sec.)
300˚C
ESD Tolerance (Note 5)
3000V
www.national.com
4


同様の部品番号 - LM101AH-QMLV

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM101AH-QMLV NSC-LM101AH-QMLV Datasheet
226Kb / 15P
   SINGLE OPERATIONAL AMPLIFIER
More results

同様の説明 - LM101AH-QMLV

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM101AQML TI1-LM101AQML_16 Datasheet
990Kb / 28P
[Old version datasheet]   LM101AQML Operational Amplifiers
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com