データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM101AHRQMLV データシート(PDF) 8 Page - Texas Instruments

部品番号 LM101AHRQMLV
部品情報  LM101AQML Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM101AHRQMLV データシート(HTML) 8 Page - Texas Instruments

Back Button LM101AHRQMLV Datasheet HTML 4Page - Texas Instruments LM101AHRQMLV Datasheet HTML 5Page - Texas Instruments LM101AHRQMLV Datasheet HTML 6Page - Texas Instruments LM101AHRQMLV Datasheet HTML 7Page - Texas Instruments LM101AHRQMLV Datasheet HTML 8Page - Texas Instruments LM101AHRQMLV Datasheet HTML 9Page - Texas Instruments LM101AHRQMLV Datasheet HTML 10Page - Texas Instruments LM101AHRQMLV Datasheet HTML 11Page - Texas Instruments LM101AHRQMLV Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
LM101A
QML & RH Electrical Characteristics (Note 10)
DC Parameters
The following conditions apply to all parameters, unless otherwise specified
V
CC = ±20V, VCM = 0V, RS =50
Symbol
Parameter
Conditions
Notes
Min
Max
Units
Sub-
groups
V
IO
Input Offset Voltage
+V
CC = 35V, -VCC = -5V,
V
CM = -15V
-2.0
+2.0
mV
1
-3.0
+3.0
mV
2, 3
+V
CC = 5V, -VCC = -35V,
V
CM = +15V
-2.0
+2.0
mV
1
-3.0
+3.0
mV
2, 3
V
CM = 0V
-2.0
+2.0
mV
1
-3.0
+3.0
mV
2, 3
+V
CC = 5V, -VCC = -5V,
V
CM =0V
-2.0
+2.0
mV
1
-3.0
+3.0
mV
2, 3
I
IO
Input Offset Current
+V
CC = 35V, -VCC = -5V,
V
CM = -15V, RS = 100K
-10
+10
nA
1, 2
-20
+20
nA
3
+V
CC = 5V, -VCC = -35V,
V
CM = +15V, RS = 100K
-10
+10
nA
1, 2
-20
+20
nA
3
V
CM = 0V, RS = 100K
-10
+10
nA
1, 2
-20
+20
nA
3
+V
CC = 5V, -VCC = -5V,
V
CM = 0V, RS = 100K
-10
+10
nA
1, 2
-20
+20
nA
3
±I
IB
Input Bias Current
+V
CC = 35V, -VCC = -5V,
V
CM = -15V, RS = 100K
-0.1
75
nA
1, 2
-0.1
100
nA
3
+V
CC = 5V, -VCC = -35V,
V
CM = +15V, RS = 100K
-0.1
75
nA
1, 2
-0.1
100
nA
3
V
CM = 0V, RS = 100K
-0.1
75
nA
1, 2
-0.1
100
nA
3
+V
CC = 5V, -VCC = -5V,
V
CM = 0V, RS = 100K
-0.1
75
nA
1, 2
-0.1
100
nA
3
+PSRR
Power Supply Rejection Ratio
+V
CC = 10V, -VCC = -20V
-50
+50
µV/V
1
-100
+100
µV/V
2, 3
-PSRR
Power Supply Rejection Ratio
+V
CC = 20V, -VCC = -10V
-50
+50
µV/V
1
-100
+100
µV/V
2, 3
CMRR
Common Mode Rejection Ratio V
CC = ±35V to ±5V, VCM =
±15V
80
dB
1, 2, 3
+V
IO Adj
Adjustment for Input Offset
Voltage
4.0
mV
1, 2, 3
-V
IO Adj
Adjustment for Input Offset
Voltage
-4.0
mV
1, 2, 3
+I
OS
Output Short Circuit Current
+V
CC = 15V, -VCC = -15V,
t
≤ 25mS, V
CM = -15V
-60
mA
1, 2, 3
-I
OS
Output Short Circuit Current
+V
CC = 15V, -VCC = -15V,
t
≤ 25mS, V
CM = +15V
+60
mA
1, 2, 3
I
CC
Power Supply Current
+V
CC = 15V, -VCC = -15V
3.0
mA
1
2.32
mA
2
3.5
mA
3
∆V
IO/
∆T
Temperature Coefficient of
Input Offset Voltage
-55˚C
≤ T
A
≤ +25˚C
(Note 8)
-18
+18
µV/˚C
2
+25˚C
≤ T
A
≤ +125˚C
(Note 8)
-15
+15
uV/˚C
3
∆ I
IO /
∆T
Temperature Coefficient of
Input Offset Current
-55˚C
≤ T
A
≤ +25˚C
(Note 8)
-200
+200
pA/˚C
2
+25˚C
≤ T
A
≤ +125˚C
(Note 8)
-100
+100
pA/˚C
3
www.national.com
7


同様の部品番号 - LM101AHRQMLV

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM101AHRQMLV NSC-LM101AHRQMLV Datasheet
226Kb / 15P
   SINGLE OPERATIONAL AMPLIFIER
More results

同様の説明 - LM101AHRQMLV

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM101AQML TI1-LM101AQML_16 Datasheet
990Kb / 28P
[Old version datasheet]   LM101AQML Operational Amplifiers
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com