データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM101AHRQMLV データシート(PDF) 9 Page - Texas Instruments

部品番号 LM101AHRQMLV
部品情報  LM101AQML Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM101AHRQMLV データシート(HTML) 9 Page - Texas Instruments

Back Button LM101AHRQMLV Datasheet HTML 5Page - Texas Instruments LM101AHRQMLV Datasheet HTML 6Page - Texas Instruments LM101AHRQMLV Datasheet HTML 7Page - Texas Instruments LM101AHRQMLV Datasheet HTML 8Page - Texas Instruments LM101AHRQMLV Datasheet HTML 9Page - Texas Instruments LM101AHRQMLV Datasheet HTML 10Page - Texas Instruments LM101AHRQMLV Datasheet HTML 11Page - Texas Instruments LM101AHRQMLV Datasheet HTML 12Page - Texas Instruments LM101AHRQMLV Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
LM101A
QML & RH Electrical Characteristics (Note 10) (Continued)
DC Parameters (Continued)
The following conditions apply to all parameters, unless otherwise specified
V
CC = ±20V, VCM = 0V, RS =50
Symbol
Parameter
Conditions
Notes
Min
Max
Units
Sub-
groups
-A
VS
Large Signal (Open Loop)
Voltage Gain
R
L =2K
Ω,V
O = -15V
(Note 9)
50
V/mV
4
(Note 9)
25
V/mV
5, 6
R
L = 10K
Ω,V
O = -15V
(Note 9)
50
V/mV
4
(Note 9)
25
V/mV
5, 6
+A
VS
Large Signal (Open Loop)
Voltage Gain
R
L =2K
Ω,V
O = +15V
(Note 9)
50
V/mV
4
(Note 9)
25
V/mV
5, 6
R
L = 10K
Ω,V
O = +15V
(Note 9)
50
V/mV
4
(Note 9)
25
V/mV
5, 6
A
VS
Large Signal (Open Loop)
Voltage Gain
V
CC = ±5V,RL =2K
Ω,
V
O = ±2V
(Note 9)
10
V/mV
4,5, 6
V
CC = ±5V, RL = 10K
Ω,
V
O = ±2V
(Note 9)
10
V/mV
4,5, 6
+V
OP
Output Voltage Swing
R
L = 10K
Ω,V
CM = -20V
+16
V
4,5, 6
RL=2K
Ω,V
CM = -20V
+15
V
4,5, 6
-V
OP
Output Voltage Swing
R
L = 10K
Ω,V
CM = 20V
-16
V
4,5, 6
R
L =2K
Ω,V
CM = 20V
-15
V
4,5, 6
AC Parameters
The following conditions apply to all parameters, unless otherwise specified
V
CC = ±20V, VCM = 0V, RS =50
Symbol
Parameter
Conditions
Notes
Min
Max
Units
Sub-
groups
+SR
Slew Rate
A
V =1,VI = -5V to +5V
0.3
V/µS
7, 8A
0.2
V/µS
8B
-SR
Slew Rate
A
V =1,VI = +5V to -5V
0.3
V/µS
7, 8A
0.2
V/µS
8B
TR
TR
Rise Time
A
V =1,VI = 50mV
800
nS
7, 8A, 8B
TR
OS
Overshoot
A
V =1,VI = 50mV
25
%
7
35
%
8A, 8B
NI
BB
Noise Broadband
BW = 10Hz to 5KHz, R
S =0
15
µV
RMS
7
NI
PC
Noise Popcorn
BW = 10Hz to 5KHz,
R
S = 100K
80
µV
PK
7
DC Parameters
Drift Values
The following conditions apply to all parameters, unless otherwise specified
V
CC = ±20V, VCM = 0V, RS =50
Delta calculations performed on QMLV devices at group B, Subgroup 5 only.
Symbol
Parameter
Conditions
Notes
Min
Max
Units
Sub-
groups
V
IO
Input Offset Voltage
V
CM = 0V
-0.5
0.5
mV
1
± I
IB
Input Bias Current
V
CM = 0V, RS = 100K
-7.5
7.5
nA
1
www.national.com
8


同様の部品番号 - LM101AHRQMLV

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM101AHRQMLV NSC-LM101AHRQMLV Datasheet
226Kb / 15P
   SINGLE OPERATIONAL AMPLIFIER
More results

同様の説明 - LM101AHRQMLV

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM101AQML TI1-LM101AQML_16 Datasheet
990Kb / 28P
[Old version datasheet]   LM101AQML Operational Amplifiers
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com