データシートサーチシステム |
|
LM101AJLQMLV データシート(PDF) 10 Page - Texas Instruments |
|
|
LM101AJLQMLV データシート(HTML) 10 Page - Texas Instruments |
10 / 25 page Notes Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions for which the device is intended to be functional, but do no guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test conditions. Note 3: For supply voltages less than ±15V, the absolute maximum input voltage is equal to the supply voltage. Note 4: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature), θJA (package junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any temperature is PDmax =(TJmax −TA)/ θJA or the number given in the Absolute Maximum Ratings, whichever is lower. Note 5: Human body model, 100 pF discharged through 1.5 k Ω. Note 6: Parameter guaranteed by the input conditions of several DC parameters Note 7: Parameter guaranteed, not tested. Note 8: Calculated parameter Note 9: Datalog reading of K = V/mV. Note 10: Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics. These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect. Radiation end point limits for the noted parameters are guaranteed only for the conditions as specified in Mil-Std-883, Method 1019 Note 11: Pin connections shown are for 8-pin packages. www.national.com 9 |
同様の部品番号 - LM101AJLQMLV |
|
同様の説明 - LM101AJLQMLV |