データシートサーチシステム |
|
LM101AW-QMLV データシート(PDF) 8 Page - Texas Instruments |
|
LM101AW-QMLV データシート(HTML) 8 Page - Texas Instruments |
8 / 25 page LM101A QML & RH Electrical Characteristics (Note 10) DC Parameters The following conditions apply to all parameters, unless otherwise specified V CC = ±20V, VCM = 0V, RS =50 Ω Symbol Parameter Conditions Notes Min Max Units Sub- groups V IO Input Offset Voltage +V CC = 35V, -VCC = -5V, V CM = -15V -2.0 +2.0 mV 1 -3.0 +3.0 mV 2, 3 +V CC = 5V, -VCC = -35V, V CM = +15V -2.0 +2.0 mV 1 -3.0 +3.0 mV 2, 3 V CM = 0V -2.0 +2.0 mV 1 -3.0 +3.0 mV 2, 3 +V CC = 5V, -VCC = -5V, V CM =0V -2.0 +2.0 mV 1 -3.0 +3.0 mV 2, 3 I IO Input Offset Current +V CC = 35V, -VCC = -5V, V CM = -15V, RS = 100K Ω -10 +10 nA 1, 2 -20 +20 nA 3 +V CC = 5V, -VCC = -35V, V CM = +15V, RS = 100K Ω -10 +10 nA 1, 2 -20 +20 nA 3 V CM = 0V, RS = 100K Ω -10 +10 nA 1, 2 -20 +20 nA 3 +V CC = 5V, -VCC = -5V, V CM = 0V, RS = 100K Ω -10 +10 nA 1, 2 -20 +20 nA 3 ±I IB Input Bias Current +V CC = 35V, -VCC = -5V, V CM = -15V, RS = 100K Ω -0.1 75 nA 1, 2 -0.1 100 nA 3 +V CC = 5V, -VCC = -35V, V CM = +15V, RS = 100K Ω -0.1 75 nA 1, 2 -0.1 100 nA 3 V CM = 0V, RS = 100K Ω -0.1 75 nA 1, 2 -0.1 100 nA 3 +V CC = 5V, -VCC = -5V, V CM = 0V, RS = 100K Ω -0.1 75 nA 1, 2 -0.1 100 nA 3 +PSRR Power Supply Rejection Ratio +V CC = 10V, -VCC = -20V -50 +50 µV/V 1 -100 +100 µV/V 2, 3 -PSRR Power Supply Rejection Ratio +V CC = 20V, -VCC = -10V -50 +50 µV/V 1 -100 +100 µV/V 2, 3 CMRR Common Mode Rejection Ratio V CC = ±35V to ±5V, VCM = ±15V 80 dB 1, 2, 3 +V IO Adj Adjustment for Input Offset Voltage 4.0 mV 1, 2, 3 -V IO Adj Adjustment for Input Offset Voltage -4.0 mV 1, 2, 3 +I OS Output Short Circuit Current +V CC = 15V, -VCC = -15V, t ≤ 25mS, V CM = -15V -60 mA 1, 2, 3 -I OS Output Short Circuit Current +V CC = 15V, -VCC = -15V, t ≤ 25mS, V CM = +15V +60 mA 1, 2, 3 I CC Power Supply Current +V CC = 15V, -VCC = -15V 3.0 mA 1 2.32 mA 2 3.5 mA 3 ∆V IO/ ∆T Temperature Coefficient of Input Offset Voltage -55˚C ≤ T A ≤ +25˚C (Note 8) -18 +18 µV/˚C 2 +25˚C ≤ T A ≤ +125˚C (Note 8) -15 +15 uV/˚C 3 ∆ I IO / ∆T Temperature Coefficient of Input Offset Current -55˚C ≤ T A ≤ +25˚C (Note 8) -200 +200 pA/˚C 2 +25˚C ≤ T A ≤ +125˚C (Note 8) -100 +100 pA/˚C 3 www.national.com 7 |
同様の部品番号 - LM101AW-QMLV |
|
同様の説明 - LM101AW-QMLV |