データシートサーチシステム |
|
LM101AWLQMLV データシート(PDF) 9 Page - Texas Instruments |
|
LM101AWLQMLV データシート(HTML) 9 Page - Texas Instruments |
9 / 25 page LM101A QML & RH Electrical Characteristics (Note 10) (Continued) DC Parameters (Continued) The following conditions apply to all parameters, unless otherwise specified V CC = ±20V, VCM = 0V, RS =50 Ω Symbol Parameter Conditions Notes Min Max Units Sub- groups -A VS Large Signal (Open Loop) Voltage Gain R L =2K Ω,V O = -15V (Note 9) 50 V/mV 4 (Note 9) 25 V/mV 5, 6 R L = 10K Ω,V O = -15V (Note 9) 50 V/mV 4 (Note 9) 25 V/mV 5, 6 +A VS Large Signal (Open Loop) Voltage Gain R L =2K Ω,V O = +15V (Note 9) 50 V/mV 4 (Note 9) 25 V/mV 5, 6 R L = 10K Ω,V O = +15V (Note 9) 50 V/mV 4 (Note 9) 25 V/mV 5, 6 A VS Large Signal (Open Loop) Voltage Gain V CC = ±5V,RL =2K Ω, V O = ±2V (Note 9) 10 V/mV 4,5, 6 V CC = ±5V, RL = 10K Ω, V O = ±2V (Note 9) 10 V/mV 4,5, 6 +V OP Output Voltage Swing R L = 10K Ω,V CM = -20V +16 V 4,5, 6 RL=2K Ω,V CM = -20V +15 V 4,5, 6 -V OP Output Voltage Swing R L = 10K Ω,V CM = 20V -16 V 4,5, 6 R L =2K Ω,V CM = 20V -15 V 4,5, 6 AC Parameters The following conditions apply to all parameters, unless otherwise specified V CC = ±20V, VCM = 0V, RS =50 Ω Symbol Parameter Conditions Notes Min Max Units Sub- groups +SR Slew Rate A V =1,VI = -5V to +5V 0.3 V/µS 7, 8A 0.2 V/µS 8B -SR Slew Rate A V =1,VI = +5V to -5V 0.3 V/µS 7, 8A 0.2 V/µS 8B TR TR Rise Time A V =1,VI = 50mV 800 nS 7, 8A, 8B TR OS Overshoot A V =1,VI = 50mV 25 % 7 35 % 8A, 8B NI BB Noise Broadband BW = 10Hz to 5KHz, R S =0 Ω 15 µV RMS 7 NI PC Noise Popcorn BW = 10Hz to 5KHz, R S = 100K Ω 80 µV PK 7 DC Parameters Drift Values The following conditions apply to all parameters, unless otherwise specified V CC = ±20V, VCM = 0V, RS =50 Ω Delta calculations performed on QMLV devices at group B, Subgroup 5 only. Symbol Parameter Conditions Notes Min Max Units Sub- groups V IO Input Offset Voltage V CM = 0V -0.5 0.5 mV 1 ± I IB Input Bias Current V CM = 0V, RS = 100K Ω -7.5 7.5 nA 1 www.national.com 8 |
同様の部品番号 - LM101AWLQMLV |
|
同様の説明 - LM101AWLQMLV |