データシートサーチシステム |
|
LM117JAN データシート(PDF) 8 Page - Texas Instruments |
|
|
LM117JAN データシート(HTML) 8 Page - Texas Instruments |
8 / 23 page LM117K JAN Electrical Characteristics (Continued) DC Drift Parameters Deltas performed on JAN S devices at Group B, Subgroup 5, only. Symbol Parameter Conditions Notes Min Max Unit Sub- group V O Output Voltage V I = 4.25V, IL = -5mA -0.01 0.01 V 1 V I = 4.25V, IL = -1.5A -0.01 0.01 V 1 V I = 41.25V, IL = -5mA -0.01 0.01 V 1 V I = 41.25V, IL = -200mA -0.01 0.01 V 1 V RLine Line Regulation 4.25V ≤ V I ≤ 41.25V, I L = -5mA -4.0 4.0 mV 1 I Adj Adjust Pin Current V I = 4.25V, IL = -5mA -10 10 µA 1 V I = 41.25V, IL = -5mA -10 10 µA 1 Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test conditions. Note 2: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature), θJA (package junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any temperature is PDmax =(TJmax -TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower. "Although power dissipation is internally limited, these specifications are applicable for power dissipations of 2W for the TO39 package and 20W for the TO3 package." Note 3: Human body model, 100 pF discharged through a 1.5 k Ω resistor. Note 4: Tested @ TA = 125˚C, correlated to TA = 150˚C Note 5: SS limit of 6mV/V is equivalent to 18mV Note 6: SS limit of 0.3mV/V is equivalent to 120mV www.national.com 7 |
同様の部品番号 - LM117JAN |
|
同様の説明 - LM117JAN |