データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM140LQML データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM140LQML
部品情報  LM140LQML Series 3-Terminal Positive Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM140LQML データシート(HTML) 8 Page - Texas Instruments

Back Button LM140LQML Datasheet HTML 3Page - Texas Instruments LM140LQML Datasheet HTML 4Page - Texas Instruments LM140LQML Datasheet HTML 5Page - Texas Instruments LM140LQML Datasheet HTML 6Page - Texas Instruments LM140LQML Datasheet HTML 7Page - Texas Instruments LM140LQML Datasheet HTML 8Page - Texas Instruments LM140LQML Datasheet HTML 9Page - Texas Instruments LM140LQML Datasheet HTML 10Page - Texas Instruments LM140LQML Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Typical Performance Characteristics (Continued)
Quiescent Current
Quiescent Current
20155314
20155315
Typical Applications (Note 4)
Fixed Output Regulator
20155305
*Required if the regulator is located far from the power supply filter.
**See note 3 in the electrical characteristics table.
Adjustable Output Regulator
20155306
VOUT = 5V + (5V/R1 + IO)R2
5V/R1=3IO load regulation (L,) [(R1 + R2)/R1] (L, of LM140LA-5.0)
www.national.com
7


同様の部品番号 - LM140LQML

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM140LQML TI-LM140LQML Datasheet
303Kb / 13P
[Old version datasheet]   LM140LQML Series 3-Terminal Positive Regulators
LM140LQML TI-LM140LQML_15 Datasheet
303Kb / 13P
[Old version datasheet]   LM140LQML Series 3-Terminal Positive Regulators
More results

同様の説明 - LM140LQML

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM140QML TI1-LM140QML Datasheet
633Kb / 11P
[Old version datasheet]   LM140LQML Series 3-Terminal Positive Regulators
LM140LQML TI-LM140LQML_15 Datasheet
303Kb / 13P
[Old version datasheet]   LM140LQML Series 3-Terminal Positive Regulators
logo
National Semiconductor ...
LM7800C NSC-LM7800C Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM78L05 NSC-LM78L05 Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
LM78LXX NSC-LM78LXX Datasheet
685Kb / 14P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG_10 Datasheet
200Kb / 6P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM342 NSC-LM342 Datasheet
138Kb / 6P
   3-Terminal Positive Regulators
logo
Sipex Corporation
SP7805V-L SIPEX-SP7805V-L Datasheet
391Kb / 10P
   3-Terminal Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com