データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM185H-2.5-SMD データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM185H-2.5-SMD
部品情報  LM185-2.5QML Micropower Voltage Reference Diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM185H-2.5-SMD データシート(HTML) 2 Page - Texas Instruments

  LM185H-2.5-SMD Datasheet HTML 1Page - Texas Instruments LM185H-2.5-SMD Datasheet HTML 2Page - Texas Instruments LM185H-2.5-SMD Datasheet HTML 3Page - Texas Instruments LM185H-2.5-SMD Datasheet HTML 4Page - Texas Instruments LM185H-2.5-SMD Datasheet HTML 5Page - Texas Instruments LM185H-2.5-SMD Datasheet HTML 6Page - Texas Instruments LM185H-2.5-SMD Datasheet HTML 7Page - Texas Instruments LM185H-2.5-SMD Datasheet HTML 8Page - Texas Instruments LM185H-2.5-SMD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LM185-2.5QML
Micropower Voltage Reference Diode
General Description
The LM185-2.5 are micropower 2-terminal band-gap voltage
regulator diodes. Operating over a 20 µA to 20 mA current
range, they feature exceptionally low dynamic impedance
and good temperature stability. On-chip trimming is used to
provide tight voltage tolerance. Since the LM185-2.5 band-
gap reference uses only transistors and resistors, low noise
and good long term stability result.
Careful design of the LM185-2.5 has made the device ex-
ceptionally tolerant of capacitive loading, making it easy to
use in almost any reference application. The wide dynamic
operating range allows its use with widely varying supplies
with excellent regulation.
The extremely low power drain of the LM185-2.5 makes it
useful for micropower circuitry. This voltage reference can be
used to make portable meters, regulators or general purpose
analog circuitry with battery life approaching shelf life. Fur-
ther, the wide operating current allows it to replace older
references with a tighter tolerance part. For applications
requiring 1.2V see LM185-1.2.
Features
n
Operating current of 20 µA to 20 mA
n
0.6
Ω dynamic impedance (A grade)
n
Low temperature coefficient
n
Low voltage reference — 2.5V
Ordering Information
NS Part Number
JAN Part Number
NS Package Number
Package Description
LM185H-2.5-SMD
5962–8759402XA
H02A
2LD, T0–46 Metal Can
LM185H-2.5/883
H02A
2LD, T0–46 Metal Can
LM185WG-2.5-QV
5962–8759402VYA
WG10A
10LD Ceramic SOIC
LM185WG-2.5/883
5962–8759402YA
WG10A
10LD Ceramic SOIC
LM185BYH2.5/883
H02A
2LD, T0–46 Metal Can
LM185BYH2.5-SMD
5962–8759406XA
H02A
2LD, T0–46 Metal Can
LM185BYH2.5-QV
5962–8759406VXA
H02A
2LD, T0–46 Metal Can
Connection Diagrams
Ceramic SOIC (WG)
TO-46 Metal Can Package (H)
20156203
See NS Package Number WG10A
20156213
Bottom View
See NS Package Number H02A
November 2005
© 2005 National Semiconductor Corporation
DS201562
www.national.com


同様の部品番号 - LM185H-2.5-SMD

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM185H-2.5-SMD TI1-LM185H-2.5-SMD Datasheet
499Kb / 15P
[Old version datasheet]   Micropower Voltage Reference Diode
More results

同様の説明 - LM185H-2.5-SMD

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM185-1.2QML-SP_15 TI-LM185-1.2QML-SP_15_15 Datasheet
536Kb / 18P
[Old version datasheet]   LM185-1.2QML Micropower Voltage Reference Diode
LM185-1.2QML TI1-LM185-1.2QML Datasheet
726Kb / 13P
[Old version datasheet]   LM185-1.2QML Micropower Voltage Reference Diode
LM185-1.2-N TI1-LM185-1.2-N Datasheet
289Kb / 12P
[Old version datasheet]   LM185-1.2/LM285-1.2/LM385-1.2 Micropower Voltage Reference Diode
LM185-2.5-N TI1-LM185-2.5-N Datasheet
313Kb / 18P
[Old version datasheet]   LM185-2.5/LM285-2.5/LM385-2.5 Micropower Voltage Reference Diode
LM136A-2.5QML TI1-LM136A-2.5QML_17 Datasheet
493Kb / 18P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM136A-2.5QML-SP TI-LM136A-2.5QML-SP_15 Datasheet
423Kb / 17P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM136A-2.5QML TI1-LM136A-2.5QML Datasheet
304Kb / 16P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM136A-2.5QML TI-LM136A-2.5QML_15 Datasheet
423Kb / 17P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM385BXM-1.2 TI-LM385BXM-1.2 Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM285MX-25 TI1-LM285MX-25 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com