データシートサーチシステム |
|
LM158AHLQML データシート(PDF) 3 Page - Texas Instruments |
|
LM158AHLQML データシート(HTML) 3 Page - Texas Instruments |
3 / 27 page Absolute Maximum Ratings (Note 9) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. LM158/LM258/LM358 LM2904 LM158A/LM258A/LM358A Supply Voltage, V + 32V 26V Differential Input Voltage 32V 26V Input Voltage −0.3V to +32V −0.3V to +26V Power Dissipation (Note 1) Molded DIP 830 mW 830 mW Metal Can 550 mW Small Outline Package (M) 530 mW 530 mW micro SMD 435mW Output Short-Circuit to GND (One Amplifier) (Note 2) V + ≤ 15V and T A = 25˚C Continuous Continuous Input Current (V IN < −0.3V) (Note 3) 50 mA 50 mA Operating Temperature Range LM358 0˚C to +70˚C −40˚C to +85˚C LM258 −25˚C to +85˚C LM158 −55˚C to +125˚C Storage Temperature Range −65˚C to +150˚C −65˚C to +150˚C Lead Temperature, DIP (Soldering, 10 seconds) 260˚C 260˚C Lead Temperature, Metal Can (Soldering, 10 seconds) 300˚C 300˚C Soldering Information Dual-In-Line Package Soldering (10 seconds) 260˚C 260˚C Small Outline Package Vapor Phase (60 seconds) 215˚C 215˚C Infrared (15 seconds) 220˚C 220˚C See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” for other methods of soldering surface mount devices. ESD Tolerance (Note 10) 250V 250V Electrical Characteristics V + = +5.0V, unless otherwise stated Parameter Conditions LM158A LM358A LM158/LM258 Units Min Typ Max Min Typ Max Min Typ Max Input Offset Voltage (Note 5), T A = 25˚C 1 2 2 3 2 5 mV Input Bias Current I IN(+) or IIN(−),TA = 25˚C, 20 50 45 100 45 150 nA V CM = 0V, (Note 6) Input Offset Current I IN(+) −IIN(−),VCM = 0V, TA = 25˚C 2 10 5 30 3 30 nA Input Common-Mode V + = 30V, (Note 7) 0 V +−1.5 0 V +−1.5 0 V +−1.5 V Voltage Range (LM2904, V + = 26V), T A = 25˚C Supply Current Over Full Temperature Range R L = ∞ on All Op Amps V + = 30V (LM2904 V+ = 26V) 1 2 1 2 1 2 mA V + = 5V 0.5 1.2 0.5 1.2 0.5 1.2 mA www.national.com 2 |
同様の部品番号 - LM158AHLQML |
|
同様の説明 - LM158AHLQML |