データシートサーチシステム |
|
SN74TVC16222DGGR データシート(PDF) 3 Page - Texas Instruments |
|
SN74TVC16222DGGR データシート(HTML) 3 Page - Texas Instruments |
3 / 17 page SN74TVC16222A 22BIT VOLTAGE CLAMP SCDS087G − APRIL 1999 − REVISED APRIL 2005 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT VIK VBIAS = 0, II = −18 mA −1.2 V VOL IREF = 5 mA, VDPU = 2.625 V, VREF = 1.365 V, RDPU = 150 Ω VS = 0.175 V, See Figure 2 350 mV Ci(GATE) VI = 3 V or 0 73 pF Cio(off) VO = 3 V or 0 4 12 pF Cio(on) VO = 3 V or 0 12 25 pF ron‡ IREF = 5 mA, VDPU = 2.625 V, VREF = 1.365 V, RDPU = 150 Ω VS = 0.175 V, See Figure 2 12.5 Ω † All typical values are at TA = 25°C. ‡ Measured by the voltage drop between the A and B terminals at the indicated current through the switch. On-state resistance is determined by the lower voltage of the two (A or B) terminals. electrical characteristics from −40 °C to 75°C PARAMETER TEST CONDITIONS MIN MAX UNIT ron‡ IREF = 5 mA, VDPU = 2.625 V, VREF = 1.552 V, RDPU = 150 Ω VS = 0.175 V, See Figure 2 10 Ω ‡ Measured by the voltage drop between the A and B terminals at the indicated current through the switch. On-state resistance is determined by the lower voltage of the two (A or B) terminals. switching characteristics over recommended operating free-air temperature range, VDPU = 2.36 V to 2.64 V (unless otherwise noted) (see Figure 1) PARAMETER FROM (INPUT) TO (OUTPUT) MIN MAX UNIT tPLH A or B B or A 0 4 ns tPHL A or B B or A 0 4 ns |
同様の部品番号 - SN74TVC16222DGGR |
|
同様の説明 - SN74TVC16222DGGR |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |