データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL16PNP200A データシート(PDF) 7 Page - Texas Instruments

部品番号 TL16PNP200A
部品情報  STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TL16PNP200A データシート(HTML) 7 Page - Texas Instruments

Back Button TL16PNP200A Datasheet HTML 2Page - Texas Instruments TL16PNP200A Datasheet HTML 3Page - Texas Instruments TL16PNP200A Datasheet HTML 4Page - Texas Instruments TL16PNP200A Datasheet HTML 5Page - Texas Instruments TL16PNP200A Datasheet HTML 6Page - Texas Instruments TL16PNP200A Datasheet HTML 7Page - Texas Instruments TL16PNP200A Datasheet HTML 8Page - Texas Instruments TL16PNP200A Datasheet HTML 9Page - Texas Instruments TL16PNP200A Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TL16PNP200A
STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
SLLS274A– APRIL1997 – REVISED MAY 1997
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
default format
On power up or reset, the TL16PNP200A starts generating read operations to the EEPROM. Each read
transaction consists of read op code, address, and data cycles (see EEPROM section). The data cycle is
comprised of 16-bits. EEPROM addresses 0x00 through 0x0D store the power-up defaults. These defaults
include the PnP configuration register defaults, I/O block size, DMA mapping, and OEN configuration. Table 1
is a description of the format for storing the defaults in the EEPROM.
Table 1. Default Format
ADDRESS
DESCRIPTION
0x00
LD0 memory base address bits 23-8 (Note 1)
0x01
LD1 memory base address bits 23-8 (Note 1)
0x02
LD0 memory upper address bits 23-8 (Note 1)
0x03
LD1 memory upper address bits 23-8 (Note 1)
0x04
LD0 I/O base address bits 15-0
0x05
LD1 I/O base address bits 15-0
0x06
LD2 I/O base address bits 15-0 (Note 2)
0x07
LD3 I/O base address bits 15-0 (Note 2)
0x08
LD4 I/O base address bits 15-0 (Note 2)
0x09
Bits 15-13: LD0 I/O block size, bits 12-10: LD1 I/O block size, bits 9-7: LD2 I/O block size, bits 6-4: LD3 I/O block size, bits
3-1: LD4 I/O block size (Note 3)
0x0A
Bits 15-12: LD0 IRQ level, bits 11-8: LD1 IRQ level, bits 7-4: LD2 IRQ level, bits 3-0: LD3 IRQ level (Note 4)
0x0B
Bits 15-12: LD4 IRQ level, bits 11-9 LD0: DMA channel, bits 8-6: LD1 DMA channel (Note 5)
0x0C
Bit 15: LD0 active, bit 14: LD1 active, bit 13: LD2 active, bit 12: LD3 active, bit 11: LD4 active, bits 10-8: OEN0 configuration,
bits 7-5: OEN1 configuration, bit 4: mode (Note 6)
0x0D
Bits 14-12: DMA 4 mapping, bits 11-9: DMA 3 mapping, bits 8-6: DMA 2 mapping, bits 5-3: DMA 1 mapping,
bits 2-0: DMA 0 mapping (Note 7)
NOTES:
1. In mode 1, these fields are ignored.
2. In mode 0, these fields are ignored.
3. Bit 0 is unused, and in mode 0 bits 9-1 are ignored.
4. In mode 0 bits 7-0 are ignored.
5. Bits 5-0 are unused, and in mode 0 bits 15-12 are ignored.
6. Bits 3-0 are unused, and in mode 0 bits 13-11 and bits 7-5 are ignored.
7. Bit 15 is unused, and in mode 0 bits 14-9 are ignored.


同様の部品番号 - TL16PNP200A

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL16PNP200 TI1-TL16PNP200 Datasheet
323Kb / 23P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
TL16PNP200PH TI1-TL16PNP200PH Datasheet
323Kb / 23P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
More results

同様の説明 - TL16PNP200A

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL16PNP200 TI1-TL16PNP200 Datasheet
323Kb / 23P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
TL16PNP100A TI-TL16PNP100A Datasheet
281Kb / 20P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
TL16PNP100A TI1-TL16PNP100A_05 Datasheet
310Kb / 21P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY
logo
List of Unclassifed Man...
82C931 ETC-82C931 Datasheet
634Kb / 64P
   Plug and Play Integrated Audio Controller
logo
Cirrus Logic
CS8920A CIRRUS-CS8920A Datasheet
1Mb / 144P
   CRYSTAL LAN ISA PLUG-AND-PLAY ETHERNET CONTROLLER
logo
SMSC Corporation
FDC37C93X SMSC-FDC37C93X Datasheet
650Kb / 203P
   Plug and Play Compatible Ultra I/O Controller
logo
Davicom Semiconductor, ...
DM9008F DAVICOM-DM9008F Datasheet
34Kb / 2P
   ISA/Plug & Play Super Ethernet Controller
logo
Texas Instruments
TL16PNP550A TI-TL16PNP550A Datasheet
553Kb / 40P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH PLUG-AND-PLAY (PnP) AND AUTOFLOW CONTROL
logo
Exar Corporation
XR16C872 EXAR-XR16C872 Datasheet
347Kb / 60P
   DUAL UART WITH 1284 PARALLEL PORT AND PLUG-AND-PLAY CONTROLLER
logo
Texas Instruments
TL16PNP550A TI1-TL16PNP550A_08 Datasheet
558Kb / 40P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH PLUG-AND-PLAY (PnP) AND AUTOFLOW CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com