データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL2575-33IN データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TL2575-33IN
部品情報  1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TL2575-33IN データシート(HTML) 3 Page - Texas Instruments

  TL2575-33IN Datasheet HTML 1Page - Texas Instruments TL2575-33IN Datasheet HTML 2Page - Texas Instruments TL2575-33IN Datasheet HTML 3Page - Texas Instruments TL2575-33IN Datasheet HTML 4Page - Texas Instruments TL2575-33IN Datasheet HTML 5Page - Texas Instruments TL2575-33IN Datasheet HTML 6Page - Texas Instruments TL2575-33IN Datasheet HTML 7Page - Texas Instruments TL2575-33IN Datasheet HTML 8Page - Texas Instruments TL2575-33IN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
www.ti.com
Internal
Regulator
On/Off
_
+
_
+
1.23-V
Band-Gap
Reference
52-kHz
Oscillator
Reset
Thermal
Shutdown
Current
Limit
FEEDBACK
4
CIN
+
VIN
1
Unregulated
DC Input
GND
3
OUTPUT
2
ON/OFF
5
COUT
+
D1
L
O
A
D
VOUT
1-A
Switch
Driver
Fixed-Gain
Error Amplifier
Comparator
R2
R1
1 kW
3.3 V: R2 = 1.7 kW
5 V: R2 = 3.1 kW
12 V: R2 = 8.84 kW
15 V: R2 = 11.3 kW
ADJ: R1 = Open, R2 = 0
L1
TL2575-05
7-V to 40-V
Unregulated
DC Input
CIN
100
µF
+
+VIN
1
3
GND
5
ON/OFF
D1
1N5819
OUTPUT
2
L1
330
µH
COUT
330
µF
+
FEEDBACK
4
5-V
Regulated
Output
1-A Load
L2
20
µH
C1
100
µF
+
Optional Output Ripple Filter
TL2575, TL2575HV
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
SLVS638B – MAY 2006 – REVISED JANUARY 2007
FUNCTIONAL BLOCK DIAGRAM
A.
Pin numbers are for the KTT (TO-263) package.
A.
Pin numbers are for the KTT (TO-263) package.
Figure 1. Typical Application Circuit (Fixed Version)
3
Submit Documentation Feedback


同様の部品番号 - TL2575-33IN

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL2575-33IN TI-TL2575-33IN Datasheet
2Mb / 23P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575-33IN TI-TL2575-33IN Datasheet
957Kb / 28P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575-33IN TI-TL2575-33IN Datasheet
963Kb / 31P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575-33IN TI-TL2575-33IN Datasheet
970Kb / 29P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575-33IN TI-TL2575-33IN Datasheet
1,011Kb / 29P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
More results

同様の説明 - TL2575-33IN

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL2575 TI-TL2575_10 Datasheet
1,011Kb / 29P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI1-TL2575_16 Datasheet
1Mb / 34P
[Old version datasheet]   1-A Simple Step-Down Switching Voltage Regulators
TL2575 TI-TL2575 Datasheet
2Mb / 23P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575HV-05-Q1 TI1-TL2575HV-05-Q1 Datasheet
800Kb / 22P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575_0701 TI-TL2575_0701 Datasheet
963Kb / 31P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI-TL2575_07 Datasheet
957Kb / 28P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI-TL2575_08 Datasheet
970Kb / 29P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI-TL2575_15 Datasheet
1Mb / 32P
[Old version datasheet]   TL2575, TL2575HV 1-A Simple Step-Down Switching Voltage Regulators
LM2575 TI-LM2575_06 Datasheet
171Kb / 10P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATOR
LM2575 TI-LM2575 Datasheet
195Kb / 12P
[Old version datasheet]   1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com