データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM34020A データシート(PDF) 7 Page - Texas Instruments

部品番号 SM34020A
部品情報  GRAPHICS SYSTEM PROCESSOR
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SM34020A データシート(HTML) 7 Page - Texas Instruments

Back Button SM34020A Datasheet HTML 3Page - Texas Instruments SM34020A Datasheet HTML 4Page - Texas Instruments SM34020A Datasheet HTML 5Page - Texas Instruments SM34020A Datasheet HTML 6Page - Texas Instruments SM34020A Datasheet HTML 7Page - Texas Instruments SM34020A Datasheet HTML 8Page - Texas Instruments SM34020A Datasheet HTML 9Page - Texas Instruments SM34020A Datasheet HTML 10Page - Texas Instruments SM34020A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 94 page
background image
SM34020A
GRAPHICS SYSTEM PROCESSOR
SGUS057 − FEBRUARY 2005
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Terminal Functions (Continued)
TERMINAL
DESCRIPTION
NAME
TYPE †
DESCRIPTION
VIDEO INTERFACE (CONTINUED)
HSYNC
I/O
Horizontal sync. HSYNC is the horizontal sync signal that controls external video circuitry. HSYNC can be
programmed to be either an input or an output by modifying a control bit in the DPYCTL register.
As an output, HSYNC is the active-low horizontal-sync signal generated by the SM34020A on-chip video
timers.
As an input, HSYNC synchronizes the SM34020A video-control registers to externally generated
horizontal-sync pulses. The actual synchronization can be programmed to begin at any VCLK cycle; this
allows for any external pipelining of signals.
Immediately following reset, HSYNC is configured as an input.
SCLK
I
Serial data clock. SCLK is the same as the signal that drives VRAM serial data registers. SCLK allows the SM34020A
to track the VRAM serial-data-register count, providing serial-register transfer and midline-reload cycles. (SCLK can
be asynchronous to VCLK; however, it typically has a frequency that is a multiple of the VCLK frequency).
VCLK
I
Video clock. VCLK is derived from a multiple of the video system’s dot clock and is used internally to drive the video
timing logic.
VSYNC
I/O
Vertical sync. VSYNC is the vertical sync signal that controls external video circuitry. VSYNC can be programmed
to be either an input or an output by modifying a control bit in the DPYCTL register.
As an output, VSYNC is the active-low vertical-sync signal generated by the SM34020A on-chip video timers.
As an input, VSYNC synchronizes the SM34020A video-control registers to externally generated
vertical-sync pulses. The actual synchronization can be programmed to begin at any horizontal line; this
allows for any external pipelining of signals.
Immediately following reset, VSYNC is configured as an input.
† I = input, O = output
‡ For proper SM34020A operation, all VCC and VSS pins must be connected externally.
Not Recommended for New Designs


同様の部品番号 - SM34020A

メーカー部品番号データシート部品情報
logo
Texas Instruments
SM34020AGBM32 TI-SM34020AGBM32 Datasheet
1Mb / 97P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SM34020AGBM32 TI1-SM34020AGBM32 Datasheet
1Mb / 98P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SM34020AGBM40 TI-SM34020AGBM40 Datasheet
1Mb / 97P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SM34020AGBM40 TI1-SM34020AGBM40 Datasheet
1Mb / 98P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SM34020AHTM32 TI-SM34020AHTM32 Datasheet
1Mb / 97P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
More results

同様の説明 - SM34020A

メーカー部品番号データシート部品情報
logo
Texas Instruments
SMJ34020A TI-SMJ34020A Datasheet
1Mb / 92P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SMJ34020A TI1-SMJ34020A_16 Datasheet
1Mb / 98P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
TMS34010FNL-40 TI1-TMS34010FNL-40 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SMJ34020A TI-SMJ34020A_06 Datasheet
1Mb / 97P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SM34020APCM40 TI-SM34020APCM40 Datasheet
1Mb / 89P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
TMS34010 TI-TMS34010 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
TMS34010FNL-50 TI-TMS34010FNL-50 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
logo
Sanyo Semicon Device
LC78711E SANYO-LC78711E Datasheet
781Kb / 43P
   Graphics Display Processor
logo
List of Unclassifed Man...
PICASO ETC2-PICASO Datasheet
8Mb / 24P
   Embedded Graphics Processor
DIABLO16 ETC2-DIABLO16 Datasheet
2Mb / 33P
   Embedded Graphics Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com