データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM320C30GBM40 データシート(PDF) 9 Page - Texas Instruments

部品番号 SM320C30GBM40
部品情報  DIGITAL SIGNAL PROCESSOR
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C30GBM40 データシート(HTML) 9 Page - Texas Instruments

Back Button SM320C30GBM40 Datasheet HTML 5Page - Texas Instruments SM320C30GBM40 Datasheet HTML 6Page - Texas Instruments SM320C30GBM40 Datasheet HTML 7Page - Texas Instruments SM320C30GBM40 Datasheet HTML 8Page - Texas Instruments SM320C30GBM40 Datasheet HTML 9Page - Texas Instruments SM320C30GBM40 Datasheet HTML 10Page - Texas Instruments SM320C30GBM40 Datasheet HTML 11Page - Texas Instruments SM320C30GBM40 Datasheet HTML 12Page - Texas Instruments SM320C30GBM40 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
SMJ320C30
DIGITAL SIGNAL PROCESSOR
SGUS014H -- FEBRUARY 1991 -- REVISED JUNE 2004
9
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
Pin Functions (Continued)
PIN
TYPE
DESCRIPTION
CONDITIONS
WHEN
NAME
QTY
TYPE
DESCRIPTION
WHEN
SIGNAL IS Z TYPE§
SUPPLY AND OSCILLATOR SIGNALS (see Note 1) (CONTINUED)
IVSS
1
I
Ground
VBBP
1
NC
VBB pump oscillator output
VSUBS
1
I
Substrate pin. Tie to ground
X1
1
O
Output from the internal oscillator for the crystal. If a crystal is not used, X1 must
be left unconnected.
X2/CLKIN
1
I
Input to the internal oscillator from the crystal or a clock
H1
1
O/Z
External H1 clock. H1 has a period equal to twice CLKIN.
S
H3
1
O/Z
External H3 clock. H3 has a period equal to twice CLKIN.
S
RESERVED (see Note 2)
EMU0--EMU2
3
I
Reserved. Use pullup resistors to 5 V
EMU3
1
O/Z
Reserved
S
EMU4/SHZ
1
I
Shutdown high impedance. When active, EMU4/SHZ shuts down the SMJ320C30
and places all pins in the high-impedance state. EMU4/SHZ is used for board-level
testing to ensure that no dual-drive conditions occur. CAUTION: A low on SHZ
corrupts SMJ320C30 memory and register contents. Reset the device with SHZ
high to restore it to a known operating condition.
EMU5, EMU6
2
NC
Reserved
RSV0--RSV4
5
I
Reserved. Tie pins directly to 5 V
RSV5--RSV10
6
I/O
Reserved. Use pullups on each pin to 5 V
Locator
1
NC
Reserved
I = input, O = output, Z = high-impedance state, NC=No Connect
For GB package
§ S=SHZ active, H = HOLD active, R = RESET active
NOTES: 1. CVSS,VSS,IVSS are on the same plane.
2. The connections specified for the reserved pins must be followed. For best results, 18-kΩ--22-kΩ pullup resistors are
recommended. All 5-V supply pins must be connected to a common supply plane, and all ground pins must be connected to a
common ground plane.


同様の部品番号 - SM320C30GBM40

メーカー部品番号データシート部品情報
logo
Texas Instruments
SM320C30GBM40 TI-SM320C30GBM40 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C30GBM40 TI1-SM320C30GBM40 Datasheet
816Kb / 49P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

同様の説明 - SM320C30GBM40

メーカー部品番号データシート部品情報
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com