データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM320C32PCMM50EP データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 SM320C32PCMM50EP
部品情報  DIGITAL SIGNAL PROCESSOR
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C32PCMM50EP データシート(HTML) 7 Page - Texas Instruments

Back Button SM320C32PCMM50EP Datasheet HTML 3Page - Texas Instruments SM320C32PCMM50EP Datasheet HTML 4Page - Texas Instruments SM320C32PCMM50EP Datasheet HTML 5Page - Texas Instruments SM320C32PCMM50EP Datasheet HTML 6Page - Texas Instruments SM320C32PCMM50EP Datasheet HTML 7Page - Texas Instruments SM320C32PCMM50EP Datasheet HTML 8Page - Texas Instruments SM320C32PCMM50EP Datasheet HTML 9Page - Texas Instruments SM320C32PCMM50EP Datasheet HTML 10Page - Texas Instruments SM320C32PCMM50EP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
SM320C32EP
DIGITAL SIGNAL PROCESSOR
SGUS038 − AUGUST 2002
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Pin Functions (Continued)
PIN
CONDITIONS
WHEN
SIGNAL IS
IN HIGH Z‡
DESCRIPTION
TYPE
NAME
CONDITIONS
WHEN
SIGNAL IS
IN HIGH Z‡
DESCRIPTION
TYPE
NO.
POWER / GROUND
CVSS
7
I
Ground
DVSS
7
I
Ground
IVSS
4
I
Ground
DVDD
12
I
5 Vdc supply§
VDDL
8
I
5 Vdc supply§
VSSL
6
I
Ground
VSUBS
1
I
Substrate, tie to ground
† I = input, O = output, Z = high-impedance state
‡ S = SHZ active, H = HOLD active, R = RESET active
§ Recommended decoupling capacitor is 0.1 µF.


同様の部品番号 - SM320C32PCMM50EP

メーカー部品番号データシート部品情報
logo
Texas Instruments
SM320C30 TI1-SM320C30 Datasheet
888Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C30 TI1-SM320C30 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C30GBM40 TI-SM320C30GBM40 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C30GBM40 TI1-SM320C30GBM40 Datasheet
888Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C30GBM40 TI1-SM320C30GBM40 Datasheet
816Kb / 49P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

同様の説明 - SM320C32PCMM50EP

メーカー部品番号データシート部品情報
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com