データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM320VC5510A-HIREL データシート(PDF) 9 Page - Texas Instruments

部品番号 SM320VC5510A-HIREL
部品情報  SM320VC5510A-HiRel Fixed-Point Digital Signal Processor
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SM320VC5510A-HIREL データシート(HTML) 9 Page - Texas Instruments

Back Button SM320VC5510A-HIREL Datasheet HTML 5Page - Texas Instruments SM320VC5510A-HIREL Datasheet HTML 6Page - Texas Instruments SM320VC5510A-HIREL Datasheet HTML 7Page - Texas Instruments SM320VC5510A-HIREL Datasheet HTML 8Page - Texas Instruments SM320VC5510A-HIREL Datasheet HTML 9Page - Texas Instruments SM320VC5510A-HIREL Datasheet HTML 10Page - Texas Instruments SM320VC5510A-HIREL Datasheet HTML 11Page - Texas Instruments SM320VC5510A-HIREL Datasheet HTML 12Page - Texas Instruments SM320VC5510A-HIREL Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 81 page
background image
Features
9
April 2010
SPRS672
1
Features
D High-Performance, Low-Power,
Fixed-Point TMS320C55x
Digital Signal Processor (DSP)
− 5-ns Instruction Cycle Time
− 200-MHz Clock Rate
− One/Two Instructions Executed per Cycle
− Dual Multipliers [Up to 400 Million
Multiply-Accumulates Per Second
(MMACS)]
− Two Arithmetic/Logic Units
− One Internal Program Bus
− Three Internal Data/Operand Read Buses
− Two Internal Data/Operand Write Buses
D Instruction Cache (24K Bytes)
D 160K x 16-Bit On-Chip RAM Composed of:
− Eight Blocks of 4K
× 16-Bit
Dual-Access RAM (DARAM) (64K Bytes)
− 32 Blocks of 4K
× 16-Bit
Single-Access RAM (SARAM)
(256K Bytes)
D 16K × 16-Bit On-Chip ROM (32K Bytes)
D 8M × 16-Bit Maximum Addressable
External Memory Space
D 32-Bit External Memory Interface (EMIF)
With Glueless Interface to:
− Asynchronous Static RAM (SRAM)
− Asynchronous EPROM
− Synchronous DRAM (SDRAM)
D Programmable Low-Power Control of Six
Device Functional Domains
D On-Chip Peripherals
− Two 20-Bit Timers
− Six-Channel Direct Memory Access
(DMA) Controller
− Three Multichannel Buffered Serial Ports
(McBSPs)
− 16-Bit Parallel Enhanced Host-Port
Interface (EHPI)
− Programmable Digital Phase-Locked
Loop (DPLL) Clock Generator
− Eight General-Purpose I/O (GPIO) Pins
and Dedicated General-Purpose
Output (XF)
D On-Chip Scan-Based Emulation Logic
D IEEE Std 1149.1(JTAG) Boundary Scan
Logic
D 205-Terminal MicroStar BGA™
(Ball Grid Array) (ZPH Suffix)
D 2.7-V − 3.6-V I/O Supply Voltage
D 1.6-V Core Supply Voltage
TMS320C55x and MicroStar BGA are trademarks of Texas Instruments.
Other trademarks are the property of their respective owners.
IEEE Standard 1149.1-1990 Standard-Test-Access Port and Boundary Scan Architecture.


同様の部品番号 - SM320VC5510A-HIREL

メーカー部品番号データシート部品情報
logo
Texas Instruments
SM320VC5510A-EP TI1-SM320VC5510A-EP Datasheet
1Mb / 82P
[Old version datasheet]   SM320VC5510A-EP Fixed-Point Digital Signal Processor
More results

同様の説明 - SM320VC5510A-HIREL

メーカー部品番号データシート部品情報
logo
Texas Instruments
SM320VC5510A-EP TI1-SM320VC5510A-EP Datasheet
1Mb / 82P
[Old version datasheet]   SM320VC5510A-EP Fixed-Point Digital Signal Processor
SM320C6748-HIREL TI1-SM320C6748-HIREL Datasheet
1Mb / 266P
[Old version datasheet]   SM320C6748-HIREL Fixed- and Floating-Point Digital Signal Processor
SM320DM642-HIREL TI1-SM320DM642-HIREL Datasheet
1Mb / 170P
[Old version datasheet]   SM320DM642-HiRel Video/Imaging Fixed Point Digital Signal Processor
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com