データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM65MLVD047ADR データシート(PDF) 9 Page - Texas Instruments

部品番号 SM65MLVD047ADR
部品情報  MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SM65MLVD047ADR データシート(HTML) 9 Page - Texas Instruments

Back Button SM65MLVD047ADR Datasheet HTML 5Page - Texas Instruments SM65MLVD047ADR Datasheet HTML 6Page - Texas Instruments SM65MLVD047ADR Datasheet HTML 7Page - Texas Instruments SM65MLVD047ADR Datasheet HTML 8Page - Texas Instruments SM65MLVD047ADR Datasheet HTML 9Page - Texas Instruments SM65MLVD047ADR Datasheet HTML 10Page - Texas Instruments SM65MLVD047ADR Datasheet HTML 11Page - Texas Instruments SM65MLVD047ADR Datasheet HTML 12Page - Texas Instruments SM65MLVD047ADR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
SN65MLVD047A
SLLS736A − JULY 2006 − REVISED MAY 2008
www.ti.com
9
DEVICE INFORMATION
PIN ASSIGNMENTS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
EN
1A
2A
VCC
GND
3A
4A
EN
1Z
1Y
2Y
2Z
3Z
3Y
4Y
4Z
PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
EN
1A
2A
VCC
GND
3A
4A
EN
1Z
1Y
2Y
2Z
3Z
3Y
4Y
4Z
D PACKAGE
(TOP VIEW)
DEVICE FUNCTION TABLE
H = high level, L = low level, Z = high impedance, X = Don’t care
INPUTS
OUTPUTS
L
H
OPEN
X
X
D
EN
Y
H
H
H
L or OPEN
X
L
H
L
Z
Z
H
L
H
Z
Z
Z
EN
L
L
L
X
H or OPEN
EQUIVALENT INPUT AND OUTPUT SCHEMATIC DIAGRAMS
360 k
400
VCC
DRIVER INPUT AND ACTIVE−HIGH ENABLE
D or EN
7 V
400
VCC
EN
7 V
ACTIVE−LOW ENABLE
360 k
_
+
10 mA
_
+
1 mA
VCC
VCC
_
+
0.2 V
_
+
10 mA
Y or Z
DRIVER OUTPUT


同様の部品番号 - SM65MLVD047ADR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SM65MLVD080DGGR TI-SM65MLVD080DGGR Datasheet
239Kb / 24P
[Old version datasheet]   8 CHANNEL HALF DUPLEX M LVDS LINE TRANSCEIVERS
SM65MLVD080DGGR TI-SM65MLVD080DGGR Datasheet
526Kb / 28P
[Old version datasheet]   8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
SM65MLVD082DGGR TI-SM65MLVD082DGGR Datasheet
239Kb / 24P
[Old version datasheet]   8 CHANNEL HALF DUPLEX M LVDS LINE TRANSCEIVERS
SM65MLVD082DGGR TI-SM65MLVD082DGGR Datasheet
526Kb / 28P
[Old version datasheet]   8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
More results

同様の説明 - SM65MLVD047ADR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI-SN65MLVD047_06 Datasheet
308Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047 Datasheet
230Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_06 Datasheet
223Kb / 12P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_07 Datasheet
373Kb / 14P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_10 Datasheet
465Kb / 16P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
   LVDS Quad CMOS Differential Line Driver
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
   LVDS Quad CMOS Differential Line Driver
DS90C031 NSC-DS90C031 Datasheet
269Kb / 14P
   LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90C031QML TI1-DS90C031QML_16 Datasheet
660Kb / 21P
[Old version datasheet]   LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com