データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3A225E データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 TS3A225E
部品情報  AUTONOMOUS AUDIO HEADSET SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TS3A225E データシート(HTML) 9 Page - Texas Instruments

Back Button TS3A225E Datasheet HTML 2Page - Texas Instruments TS3A225E Datasheet HTML 3Page - Texas Instruments TS3A225E Datasheet HTML 4Page - Texas Instruments TS3A225E Datasheet HTML 5Page - Texas Instruments TS3A225E Datasheet HTML 6Page - Texas Instruments TS3A225E Datasheet HTML 7Page - Texas Instruments TS3A225E Datasheet HTML 8Page - Texas Instruments TS3A225E Datasheet HTML 9Page - Texas Instruments TS3A225E Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
D: Max =
E: Max =
1.59 mm, Min =
1.59 mm, Min =
1.53 mm
1.53 mm


同様の部品番号 - TS3A225E

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3A225E TI1-TS3A225E Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225E TI1-TS3A225E Datasheet
1Mb / 37P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225ERTER TI1-TS3A225ERTER Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225ERTER TI1-TS3A225ERTER Datasheet
1Mb / 37P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225EYFFR TI1-TS3A225EYFFR Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
More results

同様の説明 - TS3A225E

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3A225E TI1-TS3A225E Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225E TI1-TS3A225E_17 Datasheet
1Mb / 37P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A226E TI1-TS3A226E Datasheet
284Kb / 11P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch
TS3A226AE TI-TS3A226AE Datasheet
733Kb / 11P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
TS3A226AE TI1-TS3A226AE_14 Datasheet
735Kb / 12P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
TS3A227E TI1-TS3A227E Datasheet
1Mb / 59P
[Old version datasheet]   Autonomous Audio Accessory Detection and Configuration Switch
logo
C-Media Electronics
CM6400X1 CMEDIA-CM6400X1 Datasheet
1Mb / 43P
   USB Surround Headset Solution with Xear??Gaming Audio Driver
logo
Shenzhenshi YONGFUKANG ...
AX4853 YONGFUKANG-AX4853 Datasheet
820Kb / 14P
   AX4853 Single Channel 1.5W/Stereo Headset 300mW Audio Amplifier
logo
Ultralife Corporation.
SOCOM-X ULTRALIFE-SOCOM-X Datasheet
742Kb / 2P
   Headset Series
20 May 2010 Rev A
logo
celduc-relais
P3S79129 CELDUC-P3S79129 Datasheet
890Kb / 6P
   AUTONOMOUS Safety Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com