データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP20AIDCKR データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMP20AIDCKR
部品情報  짹2.5째C Low-Power, Analog Out TEMPERATURE SENSOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TMP20AIDCKR データシート(HTML) 9 Page - Texas Instruments

Back Button TMP20AIDCKR Datasheet HTML 5Page - Texas Instruments TMP20AIDCKR Datasheet HTML 6Page - Texas Instruments TMP20AIDCKR Datasheet HTML 7Page - Texas Instruments TMP20AIDCKR Datasheet HTML 8Page - Texas Instruments TMP20AIDCKR Datasheet HTML 9Page - Texas Instruments TMP20AIDCKR Datasheet HTML 10Page - Texas Instruments TMP20AIDCKR Datasheet HTML 11Page - Texas Instruments TMP20AIDCKR Datasheet HTML 12Page - Texas Instruments TMP20AIDCKR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Vset
VTEMP
Vset
VCC
VCC
HotPlate
ColdPlate
Vref
VCC
VTEMP
Vref
Vref
VCC
VCC
ColdPlate
HotPlate
VCC
Tobject(C)
C32.5u
R731.6k
R6100M
C215.9n
R31M
VoA333
R2100k
V
+
VM3
+
-
+
U1OPA333
1
3
T1 TEC1
GND
T
GND
VOUT
V+
2
4
5
TMP20
Iset
3
ILimFlg
4
5
_
6
+
7
T Flg
8
En
12
+V
14
Out
17
V-
19
Imon
U3OPA569
V21.4
TEMP(C)
R5100k
V12.5
RTflag210k
Iset
3
ILimFlg
4
5
_
6
+
7
T Flg
8
En
12
+V
14
Out
17
V-
19
Imon
U2OPA569
RTflag110k
V
+
VM2
V
+
VM1
A
+
Isink
VoA2
RF3100k
RG3100k
A
+
Isource
VoA1
5
RG1100k
TEC,HeatSink,Object,
andTMP20Mounting
TMP20
www.ti.com
SBOS466 – DECEMBER 2009
(1)
The TMP20 TINA model is preliminary only.
(2)
Parameters and definitions:
a.
Tobject = Temperature of object to be cooled (in °C)
b.
Vset = Voltage that corresponds to desired output temperature from TMP20
c.
Vtemp = Voltage output of TMP20
d.
Hotplate = TEC plate on opposite side of object
e.
Coldplate = TEC plate in contact with object
(3)
In this configuration, the TEC driver is capable of cooling to –7°C and heating to +41°C; the Vset range is 1.38V to
1.95V. The OPA569 device outputs = ±1.65A, ±0.5V to ±4.5V. The 10M
Ω resistors are for TINA convergence.
(4)
For convergence in TINA software: In Analysis/Set Analysis Parameters menu, set shunt conductance = 1p.
Figure 13. Thermoelectric Cooler
To download a compressed file that contains the TINA-TI simulation file for this circuit, click the following link:
Thermoelectric Cooler.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TMP20


同様の部品番号 - TMP20AIDCKR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP20F2810PBKAEP TI-TMP20F2810PBKAEP Datasheet
2Mb / 159P
[Old version datasheet]   Digital Signal Processors
TMP20 TI-TMP20_15 Datasheet
1Mb / 19P
[Old version datasheet]   짹2.5째C Low-Power, Analog Out TEMPERATURE SENSOR
More results

同様の説明 - TMP20AIDCKR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP20 TI-TMP20_15 Datasheet
1Mb / 19P
[Old version datasheet]   짹2.5째C Low-Power, Analog Out TEMPERATURE SENSOR
TMP9A00-EP TI-TMP9A00-EP_V01 Datasheet
1Mb / 23P
[Old version datasheet]   TMP9A00-EP ±2.5 °C Low-Power, Analog Out Temperature Sensor
REVISED FEBRUARY 2021
TMP9A00-EP TI-TMP9A00-EP Datasheet
1Mb / 21P
[Old version datasheet]   TMP9A00-EP 짹2.5 째C Low-Power, Analog Out Temperature Sensor
logo
Fairchild Semiconductor
FM20 FAIRCHILD-FM20 Datasheet
357Kb / 9P
   Ultra-Low-Power Analog Temperature Sensor
logo
Texas Instruments
TMP422-EP TI1-TMP422-EP Datasheet
380Kb / 28P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
TMP422-EP TI1-TMP422-EP Datasheet
885Kb / 31P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
logo
Maxim Integrated Produc...
MAX6605 MAXIM-MAX6605_09 Datasheet
125Kb / 6P
   Low-Power Analog Temperature Sensor in SC70 Package
Rev 3; 12/09
MAX6605 MAXIM-MAX6605_08 Datasheet
97Kb / 6P
   Low-Power Analog Temperature Sensor in SC70 Package
Rev 2; 11/08
MAX6605 MAXIM-MAX6605 Datasheet
130Kb / 5P
   Low-Power Analog Temperature Sensor in SC70 Package
Rev 0; 10/00
logo
Texas Instruments
TMP300-Q1 TI1-TMP300-Q1 Datasheet
654Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com