データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL21090BFB825Z-TK データシート(PDF) 11 Page - Intersil Corporation

部品番号 ISL21090BFB825Z-TK
部品情報  Ultra Low Noise, Precision Voltage Reference
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21090BFB825Z-TK データシート(HTML) 11 Page - Intersil Corporation

Back Button ISL21090BFB825Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 9Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 10Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 11Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 12Page - Intersil Corporation ISL21090BFB825Z-TK Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
ISL21090
11
FN6993.3
November 21, 2012
FIGURE 31. SHORT-CIRCUIT TO GND
FIGURE 32. SHORT-CIRCUIT TO VIN
FIGURE 33. VOUT vs TEMPERATURE, 10 UNITS
FIGURE 34. VOUT vs NOISE, 0.1Hz TO 10Hz
FIGURE 35. DROPOUT WITH -10mA LOAD
FIGURE 36. LONG TERM STABILITY
Typical Performance Curves (ISL21090-2.5) (Continued)
-65
-60
-55
-50
-45
-40
-35
-30
3
8
13
18
23
28
33
38
VIN (V)
+125°C
+25°C
-40°C
30
40
50
60
70
80
90
3
8
13
18
23
28
33
38
VIN (V)
+125°C
+25°C
-40°C
2.4980
2.4985
2.4990
2.5000
2.5005
2.5010
-55
-35
-15
5
25
45
65
85
105
125 145
TEMPERATURE (°C)
TYPICAL TEMPERATURE
COEFFICIENT CURVE FOR 10 UNITS
2.4995
X = 10s/DIV
Y = 1µV/DIV
2.4988
2.4990
2.4992
2.4994
2.4996
2.4998
2.5000
0
5
10
15
20
25
30
35
40
VIN (V)
+85°C
-40°C
+25°C
-30
-20
-10
0
10
20
30
40
50
0
500
1000
1500
2000
2500
3000
TIME (Hrs)


同様の部品番号 - ISL21090BFB825Z-TK

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL21090BFB825Z-TK INTERSIL-ISL21090BFB825Z-TK Datasheet
766Kb / 10P
   Ultra Low Noise, Precision Voltage Reference Output Current Capability 20mA
ISL21090BFB825Z-TK INTERSIL-ISL21090BFB825Z-TK Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB825Z-TK INTERSIL-ISL21090BFB825Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB825Z-TK INTERSIL-ISL21090BFB825Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB825Z-TK INTERSIL-ISL21090BFB825Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
February 27, 2013
More results

同様の説明 - ISL21090BFB825Z-TK

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
logo
Intersil Corporation
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
February 27, 2013
logo
Renesas Technology Corp
ISL71010B25 RENESAS-ISL71010B25 Datasheet
1Mb / 22P
   Ultra Low Noise, 2.5V Precision Voltage Reference
Apr 12, 2018
ISL71010B50 RENESAS-ISL71010B50 Datasheet
1,017Kb / 22P
   Ultra Low Noise, 5V Precision Voltage Reference
Apr 12, 2018
logo
Maxim Integrated Produc...
MAX6126 MAXIM-MAX6126 Datasheet
412Kb / 18P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
Rev 2; 6/03
MAX6126 MAXIM-MAX6126_V01 Datasheet
3Mb / 28P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
2019
MAX6226 MAXIM-MAX6226_V01 Datasheet
840Kb / 15P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com