データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL267817 データシート(PDF) 11 Page - Intersil Corporation

部品番号 ISL267817
部品情報  12-Bit Differential Input 200kSPS SAR ADC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL267817 データシート(HTML) 11 Page - Intersil Corporation

Back Button ISL267817 Datasheet HTML 7Page - Intersil Corporation ISL267817 Datasheet HTML 8Page - Intersil Corporation ISL267817 Datasheet HTML 9Page - Intersil Corporation ISL267817 Datasheet HTML 10Page - Intersil Corporation ISL267817 Datasheet HTML 11Page - Intersil Corporation ISL267817 Datasheet HTML 12Page - Intersil Corporation ISL267817 Datasheet HTML 13Page - Intersil Corporation ISL267817 Datasheet HTML 14Page - Intersil Corporation ISL267817 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ISL267817
11
FN7877.2
April 19, 2012
Functional Description
The ISL267817 is based on a successive approximation register
(SAR) architecture utilizing capacitive charge redistribution
digital to analog converters (DACs). Figure 25 shows a simplified
representation of the converter. During the acquisition phase
(ACQ), the differential input is stored on the sampling capacitors
(CS). The comparator is in a balanced state since the switch
across its inputs is closed. The signal is fully acquired after tACQ
has elapsed, and the switches then transition to the conversion
phase (CONV) so the stored voltage may be converted to digital
format. The comparator will become unbalanced when the
differential switch opens and the input switches transition
(assuming that the stored voltage is not exactly at mid-scale).
The comparator output reflects whether the stored voltage is
above or below mid-scale, which sets the value of the MSB. The
SAR logic then forces the capacitive DACs to adjust up or down by
one quarter of full-scale by switching in binarily weighted
capacitors. Again, the comparator output reflects whether the
stored voltage is above or below the new value, setting the value
of the next lowest bit. This process repeats until all 12 bits have
been resolved.
An external clock must be applied to the DCLOCK pin to generate
a conversion result. The allowable frequency range for DCLOCK is
10kHz to 3.2MHz (625SPS to 200kSPS). Serial output data is
transmitted on the falling edge of DCLOCK. The receiving device
(FPGA, DSP or Microcontroller) may latch the data on the rising
edge of DCLOCK to maximize set-up and hold times.
A stable, low-noise reference voltage must be applied to the VREF
pin to set the full-scale input range and common-mode voltage. See
“Voltage Reference Input” on page 12 for more details.
ADC Transfer Function
The output coding for the ISL267817 is twos complement. The
first code transition occurs at successive LSB values (i.e., 1 LSB,
2 LSB, and so on). The LSB size is 2*VREF/4096. The ideal
transfer characteristic of the ISL267817 is shown in Figure 26.
Analog Input
The ISL267817 features a fully differential input with a nominal
full-scale range equal to twice the applied VREF voltage. Each
input swings VREF VP-P, 180° out-of-phase from one another for
a total differential input of 2*VREF (refer to Figure 27).
FIGURE 24. REFERENCE CURRENT vs TEMPERATURE (CODE = FF8h)
Typical Performance Characteristics T
A = +25°C, VCC = 5V, VREF = 2.5V, fSAMPLE = 200kHz,
fCLK =16*fSAMPLE, unless otherwise specified. (Continued)
0
5
10
15
20
25
30
-50
-25
0
25
50
75
100
TEMPERATURE (°C)
FIGURE 25. SAR ADC ARCHITECTURAL BLOCK DIAGRAM
+IN
–IN
VREF
ACQ
CONV
ACQ
ACQ
CONV
CONV
SAR
LOGIC
FIGURE 26. IDEAL TRANSFER CHARACTERISTICS
FIGURE 27. DIFFERENTIAL INPUT SIGNALING
1LSB = 2•VREF/4096
100...000
100...001
100...010
111...111
000...000
000...001
011...110
011...111
ANALOG INPUT
+IN
–(–IN)
–VREF
+ ½LSB
+VREF
– 1½LSB
0V
+VREF
– 1LSB
ISL267817
VCM
VREF PP
VREF PP
+IN
–IN


同様の部品番号 - ISL267817

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL267817 INTERSIL-ISL267817 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL267817 INTERSIL-ISL267817 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Renesas Technology Corp
ISL267817 RENESAS-ISL267817 Datasheet
927Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
logo
Intersil Corporation
ISL267817 INTERSIL-ISL267817 Datasheet
661Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
April 19, 2012
ISL267817IBZ INTERSIL-ISL267817IBZ Datasheet
661Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
April 19, 2012
More results

同様の説明 - ISL267817

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL267817IBZ INTERSIL-ISL267817IBZ Datasheet
661Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
April 19, 2012
logo
Renesas Technology Corp
ISL267817 RENESAS-ISL267817 Datasheet
927Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
logo
Analog Devices
AD7356 AD-AD7356 Datasheet
191Kb / 18P
   Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC
Rev. PrC
logo
Linear Technology
LTC2345 LINER-LTC2345 Datasheet
987Kb / 10P
   16-/18-Bit, Octal 200ksps, SAR ADC
logo
List of Unclassifed Man...
ZADCS146 ETC2-ZADCS146_11 Datasheet
579Kb / 26P
   12-Bit, 200ksps, ADC Family
logo
Analog Devices
AD1678 AD-AD1678_15 Datasheet
4Mb / 12P
   12 BIT 200KSPS SAMPLING ADC
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7352 AD-AD7352_17 Datasheet
515Kb / 21P
   Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com