データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISLA224S データシート(PDF) 11 Page - Intersil Corporation

部品番号 ISLA224S
部品情報  Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA224S データシート(HTML) 11 Page - Intersil Corporation

Back Button ISLA224S_12 Datasheet HTML 7Page - Intersil Corporation ISLA224S_12 Datasheet HTML 8Page - Intersil Corporation ISLA224S_12 Datasheet HTML 9Page - Intersil Corporation ISLA224S_12 Datasheet HTML 10Page - Intersil Corporation ISLA224S_12 Datasheet HTML 11Page - Intersil Corporation ISLA224S_12 Datasheet HTML 12Page - Intersil Corporation ISLA224S_12 Datasheet HTML 13Page - Intersil Corporation ISLA224S_12 Datasheet HTML 14Page - Intersil Corporation ISLA224S_12 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
ISLA224S
11
FN7911.1
May 7, 2012
FIGURE 9. POWER vs fSAMPLE
FIGURE 10. DIFFERENTIAL NONLINEARITY (250MSPS)
FIGURE 11. INTEGRAL NONLINEARITY (250MSPS)
FIGURE 12. SNR AND SFDR vs VCM (250MSPS)
FIGURE 13. DIFFERENTIAL NONLINEARITY (125MSPS)
FIGURE 14. INTEGRAL NONLINEARITY (125MSPS)
Typical Performance Curves
All Typical Performance Characteristics apply under the following conditions unless otherwise noted: AVDD = OVDD = 1.8V, TA = +25°C, AIN = -2dBFS,
fIN = 105MHz, fSAMPLE = 250MSPS. (Continued)
0
200
400
600
800
1000
1200
50
100
150
200
250
300
SAMPLE RATE (MSPS)
3 LANES
2 LANES
EFFICIENT PACKING
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
0
5000
10000
15000
CODE
-4
-3
-2
-1
0
1
2
3
4
0
5000
10000
15000
CODE
60
65
70
75
80
85
90
700
800
900
1000
1100
1200
1300
1400
1500
Vcm (mV)
SFDR
SNR
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
0
5000
10000
15000
CODE
-4
-3
-2
-1
0
1
2
3
4
0
5000
10000
15000
CODE


同様の部品番号 - ISLA224S_12

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISLA224S12 RENESAS-ISLA224S12 Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA224S12 RENESAS-ISLA224S12 Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S12IR1Z INTERSIL-ISLA224S12IR1Z Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
logo
Renesas Technology Corp
ISLA224S12IR1Z RENESAS-ISLA224S12IR1Z Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S20 INTERSIL-ISLA224S20 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

同様の説明 - ISLA224S_12

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISLA224S INTERSIL-ISLA224S Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA224S RENESAS-ISLA224S Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S25IR1Z INTERSIL-ISLA224S25IR1Z Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
ISLA222S25IR1Z INTERSIL-ISLA222S25IR1Z Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
July 6, 2015
ISLA222S INTERSIL-ISLA222S Datasheet
1Mb / 40P
   Dual 12-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA222S RENESAS-ISLA222S Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA216S RENESAS-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA216S INTERSIL-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
ISLA216S25IR1Z INTERSIL-ISLA216S25IR1Z Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
April 19, 2013
logo
Integrated Device Techn...
ADC1443D IDT-ADC1443D Datasheet
1Mb / 49P
   Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B serial outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com