データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISLA216S20IR1Z データシート(PDF) 9 Page - Intersil Corporation

部品番号 ISLA216S20IR1Z
部品情報  16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA216S20IR1Z データシート(HTML) 9 Page - Intersil Corporation

Back Button ISLA216S20IR1Z Datasheet HTML 5Page - Intersil Corporation ISLA216S20IR1Z Datasheet HTML 6Page - Intersil Corporation ISLA216S20IR1Z Datasheet HTML 7Page - Intersil Corporation ISLA216S20IR1Z Datasheet HTML 8Page - Intersil Corporation ISLA216S20IR1Z Datasheet HTML 9Page - Intersil Corporation ISLA216S20IR1Z Datasheet HTML 10Page - Intersil Corporation ISLA216S20IR1Z Datasheet HTML 11Page - Intersil Corporation ISLA216S20IR1Z Datasheet HTML 12Page - Intersil Corporation ISLA216S20IR1Z Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
ISLA216S
9
FN7996.0
February 2, 2012
Differential Output Voltage (Note 13)
760
mVP-P
SPI INTERFACE (Notes 14, 15)
SCLK Period
t
CLK
Write Operation
7
cycles
tCLK
Read Operation
16
cycles
CSB
↓ to SCLK↑ Setup Time
tS
Read or Write
2
cycles
CSB
↑ after SCLK↑ Hold Time
tH
Read or Write
5
cycles
Data Valid to SCLK
↑ Setup Time
tDS
Read or Write
6
cycles
Data Valid after SCLK
↑ Hold Time
tDH
Read or Write
4
cycles
Data Valid after SCLK
↓ Time
tDVR
Read
4
cycles
NOTES:
11. The Tri-Level Inputs internal switching thresholds are approximately. 0.43V and 1.34V. It is advised to float the inputs, tie to ground or AVDD depending
on desired function.
12. The synchronous clock divider reset function is available as a (SPI-programmable) overload on the SYNC input.
13. The voltage is expressed in peak-to-peak differential swing. The peak-to-peak single-ended swing is 1/2 of the differential swing.
14. The SPI interface timing is directly proportional to the ADC sample period (tS). Values above reflect multiples of a 4ns sample period, and must be
scaled proportionally for lower sample rates. ADC sample clock must be running for SPI communication.
15. The SPI may operate asynchronously with respect to the ADC sample clock.
Switching Specifications Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
CONDITION
MIN
(Note 6)
TYP
MAX
(Note 6)
UNITS
Typical Performance Curves
All Typical Performance Characteristics apply under the following conditions unless otherwise noted: AVDD = OVDD = 1.8V, TA = +25°C,
AIN =-2dBFS, fIN = 105MHz, fSAMPLE = 250MSPS.
FIGURE 3. SNR AND SFDR vs fIN
FIGURE 4. HD2 AND HD3 vs fIN
50
55
60
65
70
75
80
85
90
95
0
100
200
300
400
500
600
700
INPUT FREQUENCY (MHz)
SFDR AT 200 MSPS
SFDR AT 250 MSPS
SFDR AT 130 MSPS
SNR AT 250 MSPS
SNR AT 200 MSPS
SNR AT 130 MSPS
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
0
100
200
300
400
500
600
700
INPUT FREQUENCY (MHz)
HD2 AT 200 MSPS
HD2 AT 250 MSPS
HD2 AT 130 MSPS
HD3 AT 250 MSPS
HD3 AT 200 MSPS
HD3 AT 130 MSPS


同様の部品番号 - ISLA216S20IR1Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISLA216S20IR1Z INTERSIL-ISLA216S20IR1Z Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
April 19, 2013
logo
Renesas Technology Corp
ISLA216S20IR1Z RENESAS-ISLA216S20IR1Z Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
More results

同様の説明 - ISLA216S20IR1Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISLA216S25IR1Z INTERSIL-ISLA216S25IR1Z Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
April 19, 2013
logo
Renesas Technology Corp
ISLA216S RENESAS-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S INTERSIL-ISLA224S_12 Datasheet
1Mb / 39P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA224S INTERSIL-ISLA224S Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA222S25IR1Z INTERSIL-ISLA222S25IR1Z Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
July 6, 2015
logo
Renesas Technology Corp
ISLA224S RENESAS-ISLA224S Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA222S INTERSIL-ISLA222S Datasheet
1Mb / 40P
   Dual 12-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA222S RENESAS-ISLA222S Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S25IR1Z INTERSIL-ISLA224S25IR1Z Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
logo
Renesas Technology Corp
ISLA214S50 RENESAS-ISLA214S50 Datasheet
1Mb / 41P
   14-Bit, 500/350 MSPS JESD204B High Speed Serial Output ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com