データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISLA224P12IRZ データシート(PDF) 9 Page - Intersil Corporation

部品番号 ISLA224P12IRZ
部品情報  High Performance Dual 14-Bit, 125MSPS ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA224P12IRZ データシート(HTML) 9 Page - Intersil Corporation

Back Button ISLA224P12IRZ Datasheet HTML 5Page - Intersil Corporation ISLA224P12IRZ Datasheet HTML 6Page - Intersil Corporation ISLA224P12IRZ Datasheet HTML 7Page - Intersil Corporation ISLA224P12IRZ Datasheet HTML 8Page - Intersil Corporation ISLA224P12IRZ Datasheet HTML 9Page - Intersil Corporation ISLA224P12IRZ Datasheet HTML 10Page - Intersil Corporation ISLA224P12IRZ Datasheet HTML 11Page - Intersil Corporation ISLA224P12IRZ Datasheet HTML 12Page - Intersil Corporation ISLA224P12IRZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
ISLA224P12
9
FN7983.3
August 17, 2012
Intermodulation Distortion
IMD
fIN = 70MHz
-84
dBFS
fIN = 170MHz
-107
dBFS
Channel-to-Channel Isolation
fIN = 10MHz
100
dBFS
fIN = 121MHz
97
dBFS
Word Error Rate
WER
10-12
Full Power Bandwidth
FPBW
700
MHz
NOTES:
5. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
6. Digital Supply Current is dependent upon the capacitive loading of the digital outputs. IOVDD specifications apply for 10pF load on each digital output.
7. The DLL Range setting must be changed for low-speed operation.
8. Minimum specification guaranteed when calibrated at +85°C.
Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V, OVDD = 1.8V,
TA = -40°C to +85°C (typical specifications at +25°C), AIN = -1dBFS, fSAMPLE = 125MSPS. Boldface limits apply over the operating temperature range,
-40°C to +85°C. (Continued)
PARAMETER
SYMBOL
CONDITIONS
ISLA224P12
UNITS
MIN
(Note 5)
TYP
MAX
(Note 5)
Digital Specifications Boldface limits apply over the operating temperature range, -40°C to +85°C.
PARAMETER
SYMBOL
CONDITIONS
MIN
(Note 5)
TYP
MAX
(Note 5) UNITS
INPUTS
Input Current High (RESETN)
IIH
VIN = 1.8V
0
1
10
µA
Input Current Low (RESETN)
IIL
VIN = 0V
-25
-12
-7
µA
Input Current High (SDIO)
IIH
VIN = 1.8V
4
12
µA
Input Current Low (SDIO)
IIL
VIN = 0V
-600
-415
-300
µA
Input Voltage High (SDIO, RESETN)
VIH
1.17
V
Input Voltage Low (SDIO, RESETN)
VIL
0.63
V
Input Current High (CLKDIV) (Note 9)
IIH
16
25
34
µA
Input Current Low (CLKDIV)
IIL
-34
-25
-16
µA
Input Capacitance
CDI
3pF


同様の部品番号 - ISLA224P12IRZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISLA224P12IRZ RENESAS-ISLA224P12IRZ Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
More results

同様の説明 - ISLA224P12IRZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISLA224P12 RENESAS-ISLA224P12 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
logo
Intersil Corporation
ISLA214P12 INTERSIL-ISLA214P12 Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
ISLA214P12IRZ INTERSIL-ISLA214P12IRZ Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
June 27, 2012
logo
Renesas Technology Corp
ISLA214P12 RENESAS-ISLA214P12 Datasheet
1Mb / 34P
   High Performance 14-Bit, 125MSPS ADC
logo
Linear Technology
LTC2285 LINER-LTC2285_15 Datasheet
585Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
LTC2285 LINER-LTC2285 Datasheet
583Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
logo
Intersil Corporation
KAD5514P INTERSIL-KAD5514P Datasheet
778Kb / 32P
   14-Bit, 250/210/170/125MSPS ADC
KAD5514P_0909 INTERSIL-KAD5514P_0909 Datasheet
805Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5514P RENESAS-KAD5514P Datasheet
1Mb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5514P-25Q72 INTERSIL-KAD5514P-25Q72 Datasheet
802Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
September 10, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com