データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3A27518EIPWRQ1 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TS3A27518EIPWRQ1
部品情報  6-BIT, 1-of-2 MULTIPLEXER/DEMULTIPLEXER WITH INTEGRATED IEC L-4 ESD AND 1.8-V LOGIC COMPATIBLE CONTROL INPUTS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TS3A27518EIPWRQ1 データシート(HTML) 6 Page - Texas Instruments

Back Button TS3A27518EIPWRQ1 Datasheet HTML 2Page - Texas Instruments TS3A27518EIPWRQ1 Datasheet HTML 3Page - Texas Instruments TS3A27518EIPWRQ1 Datasheet HTML 4Page - Texas Instruments TS3A27518EIPWRQ1 Datasheet HTML 5Page - Texas Instruments TS3A27518EIPWRQ1 Datasheet HTML 6Page - Texas Instruments TS3A27518EIPWRQ1 Datasheet HTML 7Page - Texas Instruments TS3A27518EIPWRQ1 Datasheet HTML 8Page - Texas Instruments TS3A27518EIPWRQ1 Datasheet HTML 9Page - Texas Instruments TS3A27518EIPWRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
TS3A27518E-Q1
SCDS311B – JANUARY 2010 – REVISED MAY 2012
www.ti.com
ELECTRICAL CHARACTERISTICS FOR 3.3-V SUPPLY
(1)
(continued)
V+ = 3 V to 3.6 V, TA = –40°C to 105°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Digital input
CI
VI = V+ or GND
See Figure 18
25°C
3.3 V
2
pF
capacitance
Switch ON,
Bandwidth
BW
RL = 50 Ω,
25°C
3.3 V
240
MHz
See Figure 20
RL = 50 Ω,
Switch OFF,
OFF isolation
OISO
25°C
3.3 V
–62
dB
f = 10 MHz,
See Figure 22
RL = 50 Ω,
Switch ON,
Crosstalk
XTALK
25°C
3.3 V
–62
dB
f = 10 MHz,
See Figure 23
RL = 50 Ω,
Switch ON,
Crosstalk adjacent
XTALK(ADJ)
25°C
3.3 V
–71
dB
f = 10 MHz,
See Figure 23
Total harmonic
RL = 600 Ω,
f = 20 Hz to 20 kHz,
THD
25°C
3.3 V
0.05
%
distortion
CL = 50 pF,
See Figure 25
Supply
25°C
0.04
0.3
–40°C
Positive
3
I+
VI = V+ or GND,
Switch ON or OFF
to 85°C
3.6 V
μA
supply current
85°C to
5
105°C
ELECTRICAL CHARACTERISTICS FOR 2.5-V SUPPLY
(1)
V+ = 2.3 V to 2.7 V, TA = –40°C to 105°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
VCOM,
0
V+
range
VNO, VNC
25°C
5.5
9.6
ON-state
0
≤ (VNC or VNO) ≤ V+,
Switch ON,
ron
2.3 V
resistance
ICOM = –32 mA,
See Figure 15
Full
11.5
ON-state
25°C
0.3
0.8
VNC or VNO = 1.6 V,
Switch ON,
resistance match
Δron
2.3 V
ICOM = –32 mA,
See Figure 15
Full
0.9
between channels
ON-state
25°C
0.91
2.2
0
≤ (VNC or VNO) ≤ V+,
Switch ON,
resistance
ron(flat)
2.3 V
ICOM = –32 mA,
See Figure 16
Full
2.3
flatness
VNC or VNO = 0.5 V,
25°C
–0.3
0.04
0.3
VCOM = 2.3 V,
INC(OFF),
or
2.7 V
INO(OFF)
Full
–6
6
VNC or VNO = 2.3 V,
NC, NO
VCOM = 0.5 V,
Switch OFF,
OFF leakage
μA
See Figure 16
VNC or VNO = 0 to 2.7 V,
25°C
–0.6
0.02
0.6
current
VCOM =2.7 V to 0,
INC(PWROFF),
or
0 V
INO(PWROFF)
Full
–10
10
VNC or VNO = 2.7 V to 0,
VCOM = 0 to 2.7 V,
VNC or VNO = 0.5 V,
25°C
–0.7
0.02
0.7
VCOM = 2.3 V,
ICOM(OFF)
or
2.7 V
Full
–1
1
VNC or VNO = 2.3 V,
COM
VCOM = 0.5 V,
Switch OFF,
OFF leakage
μA
See Figure 16
VNC or VNO = 2.7 V to 0,
25°C
–0.7
0.02
0.7
current
VCOM = 0 to 2.7 V,
ICOM(PWROFF)
or
0 V
Full
–7.2
7.2
VNC or VNO = 0 to 2.7 V,
VCOM = 2.7 V to 0,
NC, NO
VNC or VNO = 0.5 V or 2.3
25°C
–2.1
0.03
2.1
INO(ON),
Switch ON,
ON leakage
V,
2.7 V
μA
INC(ON)
See Figure 17
Full
–6
6
current
VCOM = Open,
VNC or VNO = Open,
25°C
–2
0.02
2
COM
VCOM = 0.5 V,
Switch ON,
ON leakage
ICOM(ON)
or
2.7 V
μA
See Figure 17
Full
–5.7
5.7
current
VNC or VNO = Open,
VCOM = 2.3 V,
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
6
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): TS3A27518E-Q1


同様の部品番号 - TS3A27518EIPWRQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3A27518E TI-TS3A27518E Datasheet
928Kb / 26P
[Old version datasheet]   6-BIT, 1-of-2 MULTIPLEXER/DEMULTIPLEXER WITH INTEGRATED IEC L-4 ESD AND 1.8-V LOGIC COMPATIBLE CONTROL INPUTS
TS3A27518EPWR TI-TS3A27518EPWR Datasheet
928Kb / 26P
[Old version datasheet]   6-BIT, 1-of-2 MULTIPLEXER/DEMULTIPLEXER WITH INTEGRATED IEC L-4 ESD AND 1.8-V LOGIC COMPATIBLE CONTROL INPUTS
TS3A27518EPWR TI1-TS3A27518EPWR Datasheet
1Mb / 35P
[Old version datasheet]   6-Channel, 1:2 Multiplexer/Demultiplexer
TS3A27518ERTWR TI-TS3A27518ERTWR Datasheet
928Kb / 26P
[Old version datasheet]   6-BIT, 1-of-2 MULTIPLEXER/DEMULTIPLEXER WITH INTEGRATED IEC L-4 ESD AND 1.8-V LOGIC COMPATIBLE CONTROL INPUTS
TS3A27518ERTWR TI1-TS3A27518ERTWR Datasheet
1Mb / 35P
[Old version datasheet]   6-Channel, 1:2 Multiplexer/Demultiplexer
More results

同様の説明 - TS3A27518EIPWRQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3A27518E TI-TS3A27518E_15 Datasheet
1Mb / 29P
[Old version datasheet]   6-BIT, 1-of-2 MULTIPLEXER/DEMULTIPLEXER WITH INTEGRATED IEC L-4 ESD AND 1.8-V LOGIC COMPATIBLE CONTROL INPUTS
TS3A27518E TI-TS3A27518E Datasheet
928Kb / 26P
[Old version datasheet]   6-BIT, 1-of-2 MULTIPLEXER/DEMULTIPLEXER WITH INTEGRATED IEC L-4 ESD AND 1.8-V LOGIC COMPATIBLE CONTROL INPUTS
logo
Toshiba Semiconductor
TC7MBL3257CFT TOSHIBA-TC7MBL3257CFT Datasheet
241Kb / 12P
   4-Bit 1-of-2 Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74CBT3257 UTC-U74CBT3257 Datasheet
201Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER/ DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C Datasheet
195Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C_15 Datasheet
224Kb / 5P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
logo
Texas Instruments
SN74CB3T3257 TI1-SN74CB3T3257_15 Datasheet
547Kb / 16P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74CBT3257 RENESAS-HD74CBT3257 Datasheet
236Kb / 13P
   4-bit 1-of-2 FET Multiplexer / Demultiplexer
logo
Texas Instruments
SN74CBT3257 TI-SN74CBT3257 Datasheet
361Kb / 12P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3Q3257 TI-SN74CB3Q3257 Datasheet
336Kb / 13P
[Old version datasheet]   4 BIT 1 OF 2 FET MULTIPLEXER/ DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com