データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3USB221AQRSERQ1 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TS3USB221AQRSERQ1
部品情報  ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TS3USB221AQRSERQ1 データシート(HTML) 6 Page - Texas Instruments

Back Button TS3USB221AQRSERQ1 Datasheet HTML 2Page - Texas Instruments TS3USB221AQRSERQ1 Datasheet HTML 3Page - Texas Instruments TS3USB221AQRSERQ1 Datasheet HTML 4Page - Texas Instruments TS3USB221AQRSERQ1 Datasheet HTML 5Page - Texas Instruments TS3USB221AQRSERQ1 Datasheet HTML 6Page - Texas Instruments TS3USB221AQRSERQ1 Datasheet HTML 7Page - Texas Instruments TS3USB221AQRSERQ1 Datasheet HTML 8Page - Texas Instruments TS3USB221AQRSERQ1 Datasheet HTML 9Page - Texas Instruments TS3USB221AQRSERQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
100.0E+3
1.0E+6
10.0E+6
100.0E+6
1.0E+9
10.0E+9
Frequency (Hz)
–120
–100
–80
–60
–40
–20
0
100.0E+3
1.0E+6
10.0E+6
100.0E+6
1.0E+9
10.0E+9
Frequency (Hz)
–7
–6
–5
–4
–3
–2
–1
0
–120
–100
–80
–60
–40
–20
0
100.0E+3
1.0E+6
10.0E+6
100.0E+6
1.0E+9
10.0E+9
Frequency (Hz)
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
V
(V)
IN
V
= 3 V
CC
V
= 2.3 V
CC
TS3USB221A-Q1
SCDS300B
– JULY 2010 – REVISED JULY 2011
www.ti.com
APPLICATION INFORMATION
Figure 2. Gain vs Frequency
Figure 3. OFF Isolation vs Frequency
Figure 4. Crosstalk vs Frequency
Figure 5. ron vs VIN (IOUT = –15 mA)
6
Copyright
© 2010–2011, Texas Instruments Incorporated


同様の部品番号 - TS3USB221AQRSERQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3USB221A TI-TS3USB221A Datasheet
730Kb / 16P
[Old version datasheet]   ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A TI-TS3USB221A Datasheet
843Kb / 17P
[Old version datasheet]   ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221ARSER TI-TS3USB221ARSER Datasheet
730Kb / 16P
[Old version datasheet]   ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221ARSER TI-TS3USB221ARSER Datasheet
843Kb / 17P
[Old version datasheet]   ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221ARSERG4 TI-TS3USB221ARSERG4 Datasheet
730Kb / 16P
[Old version datasheet]   ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
More results

同様の説明 - TS3USB221AQRSERQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3USB30E TI1-TS3USB30E_13 Datasheet
1Mb / 20P
[Old version datasheet]   ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A TI-TS3USB221A Datasheet
730Kb / 16P
[Old version datasheet]   ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30E TI-TS3USB30E Datasheet
705Kb / 15P
[Old version datasheet]   ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A TI-TS3USB221A_10 Datasheet
843Kb / 17P
[Old version datasheet]   ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30E TI-TS3USB30E_15 Datasheet
1Mb / 26P
[Old version datasheet]   TS3USB30E ESD-Protected, High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer/Demultiplexer Switch With Single Enable
TS3USB221A TI-TS3USB221A_15 Datasheet
1Mb / 25P
[Old version datasheet]   TS3USB221A ESD Protected, High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer and Demultiplexer Switch With Single Enable
TS3USB221 TI1-TS3USB221_17 Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer ??Demultiplexer Switch With Single Enable
TS3USB221 TI-TS3USB221 Datasheet
399Kb / 14P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI-TS3USB221_10 Datasheet
1Mb / 20P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
logo
Global Mixed-mode Techn...
G3206 GMT-G3206 Datasheet
91Kb / 1P
   High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer Demultiplexer Switch with Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com