データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS5A3357-Q1 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 TS5A3357-Q1
部品情報  SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A3357-Q1 データシート(HTML) 4 Page - Texas Instruments

  TS5A3357-Q1 Datasheet HTML 1Page - Texas Instruments TS5A3357-Q1 Datasheet HTML 2Page - Texas Instruments TS5A3357-Q1 Datasheet HTML 3Page - Texas Instruments TS5A3357-Q1 Datasheet HTML 4Page - Texas Instruments TS5A3357-Q1 Datasheet HTML 5Page - Texas Instruments TS5A3357-Q1 Datasheet HTML 6Page - Texas Instruments TS5A3357-Q1 Datasheet HTML 7Page - Texas Instruments TS5A3357-Q1 Datasheet HTML 8Page - Texas Instruments TS5A3357-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
TS5A3357-Q1
SCDS290 – AUGUST 2009................................................................................................................................................................................................ www.ti.com
ELECTRICAL CHARACTERISTICS FOR 5-V SUPPLY
(1)
(continued)
V+ = 4.5 V to 5.5 V, TA = –40°C to 125°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
25°C
5 V
1.5
10
VNO = V+ or GND, CL = 50 pF,
Turn-on time
tON
ns
RL = 500 Ω,
See Figure 16
Full
4.5 V to 5.5 V
1.5
10
25°C
5 V
0.8
6.5
VNO = V+ or GND, CL = 50 pF,
Turn-off time
tOFF
ns
RL = 500 Ω,
See Figure 16
Full
4.5 V to 5.5 V
0.8
7
25°C
5 V
0.5
Break-before-
VNO = V+,
CL = 50 pF,
tBBM
ns
make time(3)
RL = 50 Ω,
See Figure 17
Full
4.5 V to 5.5 V
0.5
Charge
VGEN = 0,
QC
See Figure 21
25°C
5 V
3.4
pC
injection
CL = 0.1 nF,
NO
VNO = V+ or GND,
CNO(OFF)
See Figure 15
25°C
5 V
4.5
pF
OFF capacitance
Switch OFF,
COM
VNO = V+ or GND,
CCOM(OFF)
See Figure 15
25°C
5 V
10.5
pF
OFF capacitance
Switch OFF,
NO
VNO = V+ or GND,
CNO(ON)
See Figure 15
25°C
5 V
17
pF
ON capacitance
Switch ON,
VCOM = V+ or
COM
CCOM(ON)
GND,
See Figure 15
25°C
5 V
17
pF
ON capacitance
Switch ON,
Digital input
CI
VI = V+ or GND,
See Figure 15
25°C
5 V
3
pF
capacitance
RL = 50 Ω,
Bandwidth
BW
See Figure 18
25°C 4.5 V to 5.5 V
334
MHz
Switch ON,
RL = 50 Ω,
Switch OFF,
OFF isolation
OISO
25°C 4.5 V to 5.5 V
–82
dB
f = 10 MHz,
See Figure 19
RL = 50 Ω,
Switch ON,
Crosstalk
XTALK
25°C 4.5 V to 5.5 V
–62
dB
f = 10 MHz,
See Figure 20
Supply
25°C
1
Positive supply
Switch ON or
I+
VI = V+ or GND,
5.5 V
μA
current
OFF
Full
10
(3)
Specified by designed. Not production tested.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TS5A3357-Q1


同様の部品番号 - TS5A3357-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A3357-Q1 TI-TS5A3357-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
More results

同様の説明 - TS5A3357-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A3357 TI-TS5A3357_15 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357-Q1 TI-TS5A3357-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI-TS5A3357_10 Datasheet
846Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI1-TS5A3359_14 Datasheet
1Mb / 29P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI-TS5A3359_08 Datasheet
901Kb / 26P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI-TS5A3357 Datasheet
287Kb / 22P
[Old version datasheet]   SINGLE 5-W SP3T ANALOG SWITCH 5-V/3.3-V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI-TS5A3359_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A3359 1-廓 SP3T Bidirectional Analog Switch 5-V/3.3-V Single-Channel 3:1 Multiplexer and Demultiplexer
TS5A3159A TI1-TS5A3159A_14 Datasheet
778Kb / 32P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI1-TS5A3160_14 Datasheet
724Kb / 31P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A_10 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com