データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU21021GUL データシート(PDF) 2 Page - Rohm

部品番号 BU21021GUL
部品情報  4-wire resistive Touch Screen Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU21021GUL データシート(HTML) 2 Page - Rohm

  BU21021GUL Datasheet HTML 1Page - Rohm BU21021GUL Datasheet HTML 2Page - Rohm BU21021GUL Datasheet HTML 3Page - Rohm BU21021GUL Datasheet HTML 4Page - Rohm BU21021GUL Datasheet HTML 5Page - Rohm BU21021GUL Datasheet HTML 6Page - Rohm BU21021GUL Datasheet HTML 7Page - Rohm BU21021GUL Datasheet HTML 8Page - Rohm BU21021GUL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Datasheet
Datasheet
2/10
TSZ02201-0Y1Y0F300060-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
19.Jun.2012 Rev.001
www.rohm.com
TSZ22111・15・001
BU21021GUL
●Pin Layout
1
2
3
4
5
A
T4
PVDD
DVDD
VDD
DVSS
B
XP
AVDD
AVSS
DVDD_EXT
C
XN
YP
RSTB
T1
T2
D
YN
SEL_CSB
SO
T3
IFSEL
E
ECL
EDA
SCL_SCK
SDA_SI
INT
Top view
Figure 2. Pin Layout
●Pin Descriptions
Pin no.
Pin Name
I/O
Description
Equivalent
circuit
D1
YN
I/O
YN channel input.
D
C1
XN
I/O
XN channel input.
D
C2
YP
I/O
YP channel input.
D
B1
XP
I/O
XP channel input.
D
A1
T4
I/O
Test input / output.
D
A2
PVDD
O
Regulator output for touch screen voltage supply.
D
B3
AVDD
O
Regulator output for analog circuit.
D
A2
DVDD
I/O
Regulator output for digital circuit
D
B4
AVSS
-
Analog ground.
-
A4
VDD
-
Chip power supply.
-
A5
DVSS
-
Digital ground.
-
B5
DVDD_EXT
I
Digital power supply select. (L=internal、H=external)
A
C3
RSTB
I
Reset (Low active)
C
C4
T1
I
Test input.
A
C5
T2
I
Test input.
A
D4
T3
I
Test input.
A
D5
IFSEL
I
Host interface select. (L=4-wire SPI, H=2-wire serial)
A
D3
SO
O
2-wire serial
High impedance
4-wire SPI
Data output
O
E5
INT
O
Interrupt
E
D2
SEL_CSB
I
2-wire serial
Slave address select
4-wire SPI
Chip select
I
E4
SDA_SI
I/O
2-wire serial
Data input / output
4-wire SPI
Data input
I/O
E3
SCL_SCK
I
2-wire serial
Clock input
4-wire SPI
Clock input
I
E2
EDA
I/O
SDA for EEPROM
B
E1
ECL
I/O
SCL for EEPROM
B
(*1) Bypass AVDD and DVDD to GND with 1.0 uF capacitor and PVDD and T4 need terminal opening.
(*2) Digital voltage can be supplied by DVDD when DVDD_EXT=H.
(*3) ECL and EDA need pull-up with 4.7kΩ resister in use case. If not use, connect to GND.
(*4) SCL_SCK and SDA_SI need pull-up with over 4.7kΩ resister and SO need terminal opening when use 2-wire serial I/F.
(*5) Above parameters are only recommended for use. Absolute reliability is not guaranteed.
(*6) When VDD is not supplied, state of RSTB=”H” is prohibition.


同様の部品番号 - BU21021GUL

メーカー部品番号データシート部品情報
logo
Rohm
BU21023FV-ME2 ROHM-BU21023FV-ME2 Datasheet
404Kb / 18P
   Resistive Type Touch Screen Controller ICs
BU21023GUL ROHM-BU21023GUL Datasheet
717Kb / 8P
   Silicon monolithic IC
BU21023GUL ROHM-BU21023GUL Datasheet
404Kb / 18P
   Resistive Type Touch Screen Controller ICs
BU21023GUL ROHM-BU21023GUL Datasheet
419Kb / 18P
   Resistive Type Touch Screen Controller ICs
BU21023GUL ROHM-BU21023GUL Datasheet
1Mb / 21P
   Resistive Type Touch Screen Controller ICs
More results

同様の説明 - BU21021GUL

メーカー部品番号データシート部品情報
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
   4-wire Resistive Touch Screen Controller
BU21026MUV ROHM-BU21026MUV Datasheet
2Mb / 23P
   4-wire Resistive Touch Screen Controller
logo
List of Unclassifed Man...
XPT7603 ETC2-XPT7603 Datasheet
443Kb / 25P
   4-wire resistive touch screen controller
logo
Rohm
BU21049GUL ROHM-BU21049GUL Datasheet
811Kb / 26P
   4-wire Resistive Touch Screen Controller
BU21028FV-M ROHM-BU21028FV-M Datasheet
2Mb / 36P
   4-wire Resistive Touch Screen Controller
BU21029GUL ROHM-BU21029GUL Datasheet
762Kb / 29P
   4-wire Resistive Touch Screen Controller
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
AR1000 MICROCHIP-AR1000 Datasheet
2Mb / 37P
   Resistive Touch Screen Controller
2009
logo
AAEON Technology
GENE-LN05-B AAEON-GENE-LN05-B Datasheet
289Kb / 2P
   Onboard 4/5/8-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com