データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU21021GUL データシート(PDF) 5 Page - Rohm

部品番号 BU21021GUL
部品情報  4-wire resistive Touch Screen Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU21021GUL データシート(HTML) 5 Page - Rohm

  BU21021GUL Datasheet HTML 1Page - Rohm BU21021GUL Datasheet HTML 2Page - Rohm BU21021GUL Datasheet HTML 3Page - Rohm BU21021GUL Datasheet HTML 4Page - Rohm BU21021GUL Datasheet HTML 5Page - Rohm BU21021GUL Datasheet HTML 6Page - Rohm BU21021GUL Datasheet HTML 7Page - Rohm BU21021GUL Datasheet HTML 8Page - Rohm BU21021GUL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Datasheet
Datasheet
5/10
TSZ02201-0Y1Y0F300060-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
19.Jun.2012 Rev.001
www.rohm.com
TSZ22111・15・001
BU21021GUL
●Block Diagram
Figure 4. Block Diagram
●Description of Blocks
Screen-I/F
: 4-wire touch screen interface
ADC
: 12-bit SAR A/D converter
OSC
: 20MHz oscillator for internal block
Regulator
: Internal power supply.
DVDD can be supplied from external
Clock generator : System clock and internal timing generation
CPU
: Noise filtering, dual touch detection and touch coordinates generation
Work memory
: CPU work memory
Program memory : CPU program memory
EEPROM-I/F
: External EEPROM-I/F for CPU program memory downloads
Host-I/F
: 4-wire SPI I/F / 2-wire serial bus I/F
Filter
: Median average filter (Maximum 16 data)


同様の部品番号 - BU21021GUL

メーカー部品番号データシート部品情報
logo
Rohm
BU21023FV-ME2 ROHM-BU21023FV-ME2 Datasheet
404Kb / 18P
   Resistive Type Touch Screen Controller ICs
BU21023GUL ROHM-BU21023GUL Datasheet
717Kb / 8P
   Silicon monolithic IC
BU21023GUL ROHM-BU21023GUL Datasheet
404Kb / 18P
   Resistive Type Touch Screen Controller ICs
BU21023GUL ROHM-BU21023GUL Datasheet
419Kb / 18P
   Resistive Type Touch Screen Controller ICs
BU21023GUL ROHM-BU21023GUL Datasheet
1Mb / 21P
   Resistive Type Touch Screen Controller ICs
More results

同様の説明 - BU21021GUL

メーカー部品番号データシート部品情報
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
   4-wire Resistive Touch Screen Controller
BU21026MUV ROHM-BU21026MUV Datasheet
2Mb / 23P
   4-wire Resistive Touch Screen Controller
logo
List of Unclassifed Man...
XPT7603 ETC2-XPT7603 Datasheet
443Kb / 25P
   4-wire resistive touch screen controller
logo
Rohm
BU21049GUL ROHM-BU21049GUL Datasheet
811Kb / 26P
   4-wire Resistive Touch Screen Controller
BU21028FV-M ROHM-BU21028FV-M Datasheet
2Mb / 36P
   4-wire Resistive Touch Screen Controller
BU21029GUL ROHM-BU21029GUL Datasheet
762Kb / 29P
   4-wire Resistive Touch Screen Controller
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
AR1000 MICROCHIP-AR1000 Datasheet
2Mb / 37P
   Resistive Touch Screen Controller
2009
logo
AAEON Technology
GENE-LN05-B AAEON-GENE-LN05-B Datasheet
289Kb / 2P
   Onboard 4/5/8-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com