データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UA723CNE4 データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 UA723CNE4
部品情報  PRECISION VOLTAGE REGULATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

UA723CNE4 データシート(HTML) 9 Page - Texas Instruments

Back Button UA723CNE4 Datasheet HTML 5Page - Texas Instruments UA723CNE4 Datasheet HTML 6Page - Texas Instruments UA723CNE4 Datasheet HTML 7Page - Texas Instruments UA723CNE4 Datasheet HTML 8Page - Texas Instruments UA723CNE4 Datasheet HTML 9Page - Texas Instruments UA723CNE4 Datasheet HTML 10Page - Texas Instruments UA723CNE4 Datasheet HTML 11Page - Texas Instruments UA723CNE4 Datasheet HTML 12Page - Texas Instruments UA723CNE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
µA723
PRECISION VOLTAGE REGULATORS
SLVS057D – AUGUST 1972 – REVISED JULY 1999
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
2N5287
10 k
1N759
R2
R1
500 pF
10 k
VI
REF
VCC+
VC
OUTPUT
VZ
CURR LIM
CURR SENS
IN+
VCC– FREQ COMP
IN–
µA723
Regulated Output,
VO
R3 =
3 k
R4 =
3 k
Figure 8. Negative Floating Regulator
0.1
µF
R1
R2
1 k
1 M
1N4005
L = 1.2 mH
(see Note A)
2N5005
2N5153
3 k
VI
51
REF
VCC+
VC
OUTPUT
VZ
CURR LIM
CURR SENS
IN+
VCC– FREQ COMP
IN–
µA723
NOTE A: L is 40 turns of No. 20 enameled copper wire wound on Ferroxcube P36/22-3B7 potted core, or equivalent, with a 0.009-inch air gap.
Regulated Output,
VO
Figure 9. Positive Switching Regulator


同様の部品番号 - UA723CNE4

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
UA723CN PHILIPS-UA723CN Datasheet
67Kb / 6P
   Precision voltage regulator
1994 Aug 31
More results

同様の説明 - UA723CNE4

メーカー部品番号データシート部品情報
logo
STMicroelectronics
SFC2723A STMICROELECTRONICS-SFC2723A Datasheet
84Kb / 1P
   Precision Voltage Regulators
logo
Texas Instruments
TLV431 TI-TLV431_06 Datasheet
787Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
SYNC POWER Crop.
SP431 SYNC-POWER-SP431 Datasheet
281Kb / 12P
   High Voltage Adjustable Precision Shunt Regulators
logo
Texas Instruments
TLV431 TI-TLV431 Datasheet
232Kb / 34P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431A-Q1 TI1-TLV431A-Q1 Datasheet
489Kb / 21P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
ACE Technology Co., LTD...
ACE431N ACE-ACE431N Datasheet
2Mb / 14P
   High Voltage Adjustable Precision Shunt Regulators
VER 1.5
logo
Texas Instruments
TLVH431AIDBVRG4 TI1-TLVH431AIDBVRG4 Datasheet
1Mb / 53P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Microsemi Corporation
LX432 MICROSEMI-LX432 Datasheet
155Kb / 8P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Texas Instruments
TLVH431A-Q1 TI1-TLVH431A-Q1 Datasheet
658Kb / 25P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431 TI1-TLVH431_15 Datasheet
1Mb / 50P
[Old version datasheet]   Low-Voltage Adjustable Precision Shunt Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com