データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC1875-SP データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 UC1875-SP
部品情報  RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

UC1875-SP データシート(HTML) 5 Page - Texas Instruments

  UC1875-SP Datasheet HTML 1Page - Texas Instruments UC1875-SP Datasheet HTML 2Page - Texas Instruments UC1875-SP Datasheet HTML 3Page - Texas Instruments UC1875-SP Datasheet HTML 4Page - Texas Instruments UC1875-SP Datasheet HTML 5Page - Texas Instruments UC1875-SP Datasheet HTML 6Page - Texas Instruments UC1875-SP Datasheet HTML 7Page - Texas Instruments UC1875-SP Datasheet HTML 8Page - Texas Instruments UC1875-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
-12
(DELAY)
62.5 x 10
I
(DELAY)
Delay set voltage
R
(9)
Delay time can be programmed via resistors from the delay set pins to ground. Delay time =
.
Where I(DELAY) =
. The Recommended range for I(DELAY) is 25 µA ≤ I(DELAY) ≤ 1 mA.
UC1875-SP
www.ti.com
SLUSAQ9
– DECEMBER 2011
ELECTRICAL CHARACTERISTICS (continued)
–55°C < TA < 125°C. VC = VIN = 12 V, R(FREQSET) = 12 kΩ, C(FREQSET) = 330 pF, R(SLOPE) = 12 kΩ, C(RAMP) = 200 pF,
C(DELAYSET A-B) = C(DELAYSET C-D) = 0.01 µF, I(DELAYSET A-B) = I(DELAYSET C-D) = –500 µA, TA = TJ, unless otherwises stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Oscillator
Initial accuracy
TA = 25°C
0.85
1
1.19
MHz
Voltage stability
11 V
< VIN < 20 V
0.2%
2%
Total variation
Line, Temperature
0.8
1.2
MHz
Sync pin threshold
TJ = 25°C
3.8
Clock out peak
TJ = 25°C
4.3
V
Clock out low
TJ = 25°C
3.3
Clock out pulse width
R(CLOCKSYNC) = 3.9 kΩ
30
100
nsec
Maximum frequency (7)
R(FREQUEST) = 5 kΩ
2
MHz
Ramp Generator/Slope Compensation
Ramp current, minimum
I(SLOPE) = 10 µA, V(FREQSET) = VREF
–11
–14
µA
Ramp current, maximum
I(SLOPE) = 1 mA, V(FREQSET) = VREF
–0.8
–0.95
mA
Ramp valley
0
V
Ramp peak - clamping level
R(FREQSET) = 100 kΩ
3.8
4.1
5
V
Current Limit
Input bias
VCS+ = 3 V
2
5
μA
Threshold voltage
2.4
2.5
2.6
V
Delay to output (8)
85
150
nsec
Cycle-by-Cycle Current Limit
Input bias
VCS = 2.2 V
2
10
μA
Threshold voltage
1.85
2
2.15
V
Delay to output zero phase
110
300
ns
Soft Start/Reset Delay
Charge current
V(SOFTSTART) = 0.5 V
–20
–9
–3
μA
Discharge current
V(SOFTSTART) = 1 V
120
230
Restart threshold
4.3
4.7
V
Discharge level
300
mV
Output Drivers
Output low level
IOUT = 50 mA
0.2
0.4
V
Output high level
IOUT = –50 mA
1.5
2.5
Delay Set
Delay set voltage
I(DELAY) = –500 µA
2.3
2.4
2.6
V
Delay time (8)
I(DELAY) = –250 µA
(9)
150
250
600
nsec
(7)
Not production tested at
–55·C.
(8)
Not production tested.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): UC1875-SP


同様の部品番号 - UC1875-SP

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1875-SP TI1-UC1875-SP Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
More results

同様の説明 - UC1875-SP

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC2879DW TI1-UC2879DW Datasheet
459Kb / 15P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC2875-EP TI1-UC2875-EP Datasheet
572Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875 TI-UC1875 Datasheet
743Kb / 19P
[Old version datasheet]   Phase Shift Resonant Controller
UC1879 TI-UC1879 Datasheet
346Kb / 7P
[Old version datasheet]   Phase Shift Resonant Controller
UC19432-SP TI-UC19432-SP_15 Datasheet
755Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC19432-SP TI1-UC19432-SP Datasheet
770Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC2875-EP TI-UC2875-EP_15 Datasheet
552Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1846-SP TI1-UC1846-SP Datasheet
631Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
UC1625-SP TI1-UC1625-SP Datasheet
304Kb / 21P
[Old version datasheet]   RAD-TOLERANT CLASS V, BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com