データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA2025D1 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA2025D1
部品情報  TPA2025D1 Audio Power Amplifier Evaluation Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2025D1 データシート(HTML) 1 Page - Texas Instruments

  TPA2025D1 Datasheet HTML 1Page - Texas Instruments TPA2025D1 Datasheet HTML 2Page - Texas Instruments TPA2025D1 Datasheet HTML 3Page - Texas Instruments TPA2025D1 Datasheet HTML 4Page - Texas Instruments TPA2025D1 Datasheet HTML 5Page - Texas Instruments TPA2025D1 Datasheet HTML 6Page - Texas Instruments TPA2025D1 Datasheet HTML 7Page - Texas Instruments TPA2025D1 Datasheet HTML 8Page - Texas Instruments TPA2025D1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
User
's Guide
SLOU310
– September 2011
TPA2025D1 Audio Power Amplifier Evaluation Module
This document describes the operation of the TPA2025D1 evaluation module that users may use to
evaluate the TPA2025D1 Audio Power Amplifier. Included are the TPA2025D1EVM schematic, board art,
and bill of materials.
Contents
1
Introduction
.................................................................................................................. 1
1.1
Description
.......................................................................................................... 1
1.2
TPA2025D1 Specifications
....................................................................................... 2
2
Operation
..................................................................................................................... 2
2.1
Quick-Start List for Stand-Alone Operation
..................................................................... 2
2.2
Boost Settings
...................................................................................................... 3
2.3
Power Up
............................................................................................................ 4
3
Reference
.................................................................................................................... 5
3.1
TPA2025D1EVM Schematic
...................................................................................... 5
3.2
TPA2025D1EVM PCB Layers
.................................................................................... 6
3.3
TPA2025D1EVM Bill of Materials
................................................................................ 9
List of Figures
1
TPA2025D1EVM Schematic
............................................................................................... 5
2
EVM Assembly Layer
....................................................................................................... 6
3
EVM Top Layer
.............................................................................................................. 6
4
EVM Layer 2
................................................................................................................. 7
5
EVM Layer 3
................................................................................................................. 7
6
EVM Bottom Layer
.......................................................................................................... 8
List of Tables
1
TPA2025D1EVM Bill of Materials
......................................................................................... 9
1
Introduction
This section provides an overview of the Texas Instruments (TI) TPA2025D1 audio power amplifier
evaluation module (EVM). It includes a brief description of the module and a list of specifications.
1.1
Description
The TPA2025D1 is a high-efficiency, class-D, audio power amplifier and an integrated boost converter. It
drives up to 2 W into a 4-
Ω speaker from low supply voltages.
The TPA2025D1 audio power amplifier EVM is a complete, stand-alone audio amplifier. It contains the
TPA2025D1 WCSP (YZG) Class-D audio power amplifier with an integrated boost converter. All
components and the EVM are Pb-Free.
1
SLOU310
– September 2011
TPA2025D1 Audio Power Amplifier Evaluation Module
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


同様の部品番号 - TPA2025D1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2025D1YZGR TI1-TPA2025D1YZGR Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2025D1YZGR TI1-TPA2025D1YZGR Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2025D1YZGT TI1-TPA2025D1YZGT Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2025D1YZGT TI1-TPA2025D1YZGT Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
More results

同様の説明 - TPA2025D1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2008D2 TI-TPA2008D2 Datasheet
229Kb / 26P
[Old version datasheet]   FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER EVALUATION MODULE
logo
Panasonic Semiconductor
RSN309W44B PANASONIC-RSN309W44B Datasheet
192Kb / 1P
   Audio Power Amplifier Module
logo
Texas Instruments
SLVU006A TI1-SLVU006A Datasheet
388Kb / 28P
[Old version datasheet]   UNIVERSAL OPERATIONAL AMPLIFIER EVALUATION MODULE
logo
Zetex Semiconductors
ZXCD50STEVAL ZETEX-ZXCD50STEVAL Datasheet
810Kb / 11P
   50W CLASS D AUDIO AMPLIFIER EVALUATION BOARD
ZXCD100MOEVAL ZETEX-ZXCD100MOEVAL Datasheet
459Kb / 8P
   100W CLASS D AUDIO AMPLIFIER EVALUATION BOARD
logo
NTE Electronics
NTE1024 NTE-NTE1024 Datasheet
18Kb / 2P
   Integrated Circuit Module - Hybrid, Audio Power Amplifier
NTE1027 NTE-NTE1027 Datasheet
18Kb / 2P
   Integrated Circuit Module - Hybrid, Audio Power Amplifier
logo
Analog Devices
EVAL-SSM2301 AD-EVAL-SSM2301_15 Datasheet
496Kb / 8P
   Evaluation Board for Filterless Class-D Audio Amplifier
logo
Texas Instruments
LMZ31704EVM-003 TI-LMZ31704EVM-003 Datasheet
628Kb / 12P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ31503EVM-692 TI-LMZ31503EVM-692 Datasheet
978Kb / 22P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com