データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP101-Q1 データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMP101-Q1
部品情報  DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TMP101-Q1 データシート(HTML) 8 Page - Texas Instruments

Back Button TMP101-Q1 Datasheet HTML 4Page - Texas Instruments TMP101-Q1 Datasheet HTML 5Page - Texas Instruments TMP101-Q1 Datasheet HTML 6Page - Texas Instruments TMP101-Q1 Datasheet HTML 7Page - Texas Instruments TMP101-Q1 Datasheet HTML 8Page - Texas Instruments TMP101-Q1 Datasheet HTML 9Page - Texas Instruments TMP101-Q1 Datasheet HTML 10Page - Texas Instruments TMP101-Q1 Datasheet HTML 11Page - Texas Instruments TMP101-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Measured
Temperature
T
HIGH
TLOW
TMP101-Q1 ALERT PIN
(Comparator Mode)
POL=0
TMP101-Q1 ALERT PIN
(Interrupt Mode)
POL=0
TMP101-Q1 ALERT PIN
(Comparator Mode)
POL=1
TMP101-Q1 ALERT PIN
(Interrupt Mode)
POL=1
Read
Time
Read
Read
TMP100-Q1
TMP101-Q1
SBOS581
– SEPTEMBER 2011
www.ti.com
Figure 9. Output Transfer Function Diagrams
FAULT QUEUE (F1/F0)
A fault condition occurs when the measured temperature exceeds the user-defined limits set in the THIGH and
TLOW Registers. Additionally, the number of fault conditions required to generate an alert may be programmed
using the Fault Queue. The Fault Queue is provided to prevent a false alert due to environmental noise. The
Fault Queue requires consecutive fault measurements in order to trigger the alert function. If the temperature
falls below TLOW, prior to reaching the number of programmed consecutive faults limit, the count is reset to 0.
Table 7 defines the number of measured faults that may be programmed to trigger an alert condition in the
device.
Table 7. Fault Settings of the TMP100-Q1 and
TMP101-Q1
F1
F0
CONSECUTIVE FAULTS
0
0
1
0
1
2
1
0
4
1
1
6
CONVERTER RESOLUTION (R1/R0)
The Converter Resolution Bits control the resolution of the internal Analog-to-Digital (A/D) converter. This allows
the user to maximize efficiency by programming for higher resolution or faster conversion time. Table 8 identifies
the Resolution Bits and relationship between resolution and conversion time.
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TMP100-Q1 TMP101-Q1


同様の部品番号 - TMP101-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP101-Q1 TI-TMP101-Q1 Datasheet
229Kb / 20P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP101-Q1 TI-TMP101-Q1 Datasheet
886Kb / 30P
[Old version datasheet]   TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
TMP101-Q1 TI1-TMP101-Q1 Datasheet
414Kb / 29P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
More results

同様の説明 - TMP101-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP100 TI-TMP100 Datasheet
221Kb / 10P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP100-EP TI1-TMP100-EP Datasheet
633Kb / 22P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP100NA250G4 TI-TMP100NA250G4 Datasheet
761Kb / 19P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP100-Q1 TI-TMP100-Q1_15 Datasheet
229Kb / 20P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
logo
Silicon Laboratories
SI7057-A10 SILABS-SI7057-A10 Datasheet
1Mb / 23P
   DIGITAL I2C TEMPERATURE SENSOR
Rev. 1.1 4/17
logo
AMIC Technology
ASR8601 AMICC-ASR8601 Datasheet
40Kb / 1P
   Ambient Light Sensor with I2C digital interface
logo
Microchip Technology
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
logo
ON Semiconductor
ADT7484A ONSEMI-ADT7484A Datasheet
360Kb / 14P
   Digital Temperature Sensor with SST Interface
December, 2009 ??Rev. 4
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com